Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 46 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 46 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 47Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
46
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
Table 6-9 Endpoint Configuration Register ..................................................................................... 22
Table 6-10 Interrupt Register Byte 1 ............................................................................................. 23
Table 6-11 Interrupt Register Byte 2 ............................................................................................. 23
Table 6-12 Interrupt Register Byte 3 (for Enhanced Mode)............................................................... 24
Table 6-13 Interrupt Register Byte 4 (for Enhanced Mode)............................................................... 24
Table 6-14 Endpoint Status Register ............................................................................................. 25
Table 6-15 Endpoint Last Transaction Status Register ..................................................................... 25
Table 6-16 Transaction error code ................................................................................................ 26
Table 6-17 Endpoint Buffer Status Register .................................................................................... 27
Table 6-18 Endpoint Control Register ............................................................................................ 28
Table 6-19 Frame Number LSB Register ........................................................................................ 29
Table 6-20 Frame Number MSB Register........................................................................................ 29
Table 6-21 IO Pad Drive Strength Register..................................................................................... 31
Table 8-1 Absolute Maximum Ratings............................................................................................ 33
Table 8-2 Operating Voltage and Current ....................................................................................... 34
Table 8-3 digital I/O Pin Characteristics (VCCIO=+3.3V) ................................................................. 34
Table 8-4 digital I/O Pin Characteristics (VCCIO=+2.5V) ................................................................. 34
Table 8-5 digital I/O Pin Characteristics (VCCIO=+1.8V) ................................................................. 35
Table 8-6 USB I/O Pin (DP, USBDM) Characteristics ........................................................................ 35
Table 8-7 Parallel Interface IO timing ............................................................................................ 36
Table 8-8 DMA timing characteristics............................................................................................. 38
Table 9-1 Reflow Profile Parameter Values ..................................................................................... 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com