Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
7
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
3.3 Pin Description
PIN No.
(TSSOP-
28)
PIN No.
(QFN-
28)
PIN NAME
TYPE
DESCRIPTION
1
26
D0
IO
Data bus bit 0.
2
27
D1
IO
Data bus bit 1.
3
28
D2
IO
Data bus bit 2.
4
1
D3
IO
Data bus bit 3.
5
2
VCCIO
P
IO Supply Voltage; 1.8V, 2.5V or 3.3V
6
3
D4
IO
Data bus bit 4.
7
4
D5
IO
Data bus bit 5.
8
5
D6
IO
Data bus bit 6.
9
6
D7
IO
Data bus bit 7.
10
7
ALE
I
Address latch enable for multiplexed address/data
bus configuration.
This pin must be pulled Low for non-multiplexed
address/data bus configuration.
11
8
CS_n
I
Chip select (Active Low).
12
9
SUSPEND
I,OD
Device suspend (output) and wakeup (input).
13
10
CLKOUT
O
Programmable output clock.
14
11
INT_n
OD
Interrupt (Active Low).
15
12
RD_n
I
Read enable (Active Low).
16
13
WR_n
I
Write enable (Active Low).
17
14
DMREQ
O
DMA request.
18
15
DMACK_n
I
DMA acknowledge (Active Low).
19
16
EOT_n
I
End of DMA transfer (Active Low). Also function
as Vbus sensing input for self-powered
application.
20
17
RESET_n
I
Asynchronous reset (Active Low).
21
18
GL_n
OD
USB bus activity indicator (Active Low)
22
19
VOUT3V3
P
3.3V regulator output for 5V operation;
To operate the IC at 3.3 V, supply 3.3 V to both
the VCC and VOUT3V3 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com