Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 26 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 26 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 22Page - CML Microcircuits DB929B Datasheet HTML 23Page - CML Microcircuits DB929B Datasheet HTML 24Page - CML Microcircuits DB929B Datasheet HTML 25Page - CML Microcircuits DB929B Datasheet HTML 26Page - CML Microcircuits DB929B Datasheet HTML 27Page - CML Microcircuits DB929B Datasheet HTML 28Page - CML Microcircuits DB929B Datasheet HTML 29Page - CML Microcircuits DB929B Datasheet HTML 30Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
4-Level FSK Modem Data Pump
Page 26 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
otherwise pull the PLL away from its optimum timing. In this case however; it is recommended that the
PLLBW bits only be set to 'Narrow Bandwidth' after the modem has been running in 'Medium Bandwidth'
mode for about 200 symbol times to ensure accurate lock has first been achieved.
The 'Hold' setting disables the feedback loop of the PLL which continues to run at a rate determined only by
the actual crystal frequency and the setting of the Control Register CKDIV bits, not the PLL's operating
frequency immediately prior to the 'Hold' setting.
4.5.4
Mode Register
The contents of this 8-bit write only register control the basic operating modes of the modem:
76543210
Mode Register
IRQEN
RXEYE
SSIEN
INVSYM
SSYM
Tx/Rx
PSAVE
4.5.4.1
Mode Register B7: IRQEN - IRQ Output Enable
When this bit is set to '1', the IRQ chip output pin is pulled low (VSS) given the IRQ bit of the Status Register
is a '1'.
4.5.4.2
Mode Register B6: INVSYM - Invert Symbols
This bit controls the polarity of the transmitted and received symbol voltages.
B6
Symbol
Signal at TXOUT
Signal at RXAMPOUT
0
'+3'
Above VBIAS
Below VBIAS
'-3'
Below VBIAS
Above VBIAS
1
'+3'
Below VBIAS
Above VBIAS
'-3'
Above VBIAS
Below VBIAS
Note: B6 must be normally set to the same value in Tx and Rx devices for successful communication between
them.
4.5.4.3
Mode Register B5:
RX
TX/
- Tx/Rx Mode
Setting this bit to '1' places the modem into the Transmit mode, clearing it to '0' puts the modem into the
Receive mode.
Note: Changing between receive and transmit modes will cancel any current task.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com