Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 24 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 24 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 20Page - CML Microcircuits DB929B Datasheet HTML 21Page - CML Microcircuits DB929B Datasheet HTML 22Page - CML Microcircuits DB929B Datasheet HTML 23Page - CML Microcircuits DB929B Datasheet HTML 24Page - CML Microcircuits DB929B Datasheet HTML 25Page - CML Microcircuits DB929B Datasheet HTML 26Page - CML Microcircuits DB929B Datasheet HTML 27Page - CML Microcircuits DB929B Datasheet HTML 28Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
4-Level FSK Modem Data Pump
Page 24 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.5.3
Control Register
This 8-bit write-only register controls the modem's symbol rate, the response times of the receive clock
extraction, signal level measurement circuits, and the Frame Sync pattern recognition tolerance to inexact
matches.
76543210
Control Register
FSTOL
LEVRES
PLLBW
CKDIV
4.5.3.1
Control Register B7, B6: CKDIV - Clock Division Ratio
These bits control a frequency divider driven from the clock signal present at the XTAL pin, therefore
determining the nominal symbol rate. Because each symbol represents two bits, bit rates are 2x the symbol
rates. The table below shows how symbol rates of 2400/4800/9600 symbols/sec (4800/9600/19200bps) may
be obtained from common Xtal frequencies:
Xtal Frequency (MHz)
2.4576
4.9152
9.8304
B7
B6
Division Ratio:
Xtal Frequency/Symbol Rate
Symbol Rate (symbols/sec) / Bit Rate (bps)
0
0
512
4800/9600
9600/19200
0
1
1024
2400/4800
4800/9600
9600/19200
1
0
2048
2400/4800
4800/9600
1
1
4096
2400/4800
Note: Device operation is not guaranteed below 2400 symbols/sec (4800bps) or above 9600
symbols/sec (19200bps).
4.5.3.2
Control Register B5, B4: FSTOL - Frame Sync Tolerance to Inexact Matches
These two bits have no effect in transmit mode. In receive mode, they define the maximum number of
mismatches allowed during a search for the Frame Sync pattern:
B5
B4
Mismatches allowed
0
0
0
0
1
2
1
0
4
1
1
6
Note: A single 'mismatch' is defined as the difference between two adjacent symbol levels, thus if the symbol
'+1' were expected, then received symbol values of '+3' and '-1' would count as 1 mismatch, a received
symbol value of '-3' would count as 2 mismatches. A setting of '4 mismatches' is recommended for
normal use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com