Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 35 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 35 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 31Page - CML Microcircuits DB929B Datasheet HTML 32Page - CML Microcircuits DB929B Datasheet HTML 33Page - CML Microcircuits DB929B Datasheet HTML 34Page - CML Microcircuits DB929B Datasheet HTML 35Page - CML Microcircuits DB929B Datasheet HTML 36Page - CML Microcircuits DB929B Datasheet HTML 37Page - CML Microcircuits DB929B Datasheet HTML 38Page - CML Microcircuits DB929B Datasheet HTML 39Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
4-Level FSK Modem Data Pump
Page 35 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
.
Yes
No
RETURN
RETURN
'STATE' = 4 ?
Set µC variable 'STATE' to 9
RETURN
(Error)
E
Decrement µC variable
'IBLOCKS'
Write 8 Last Block
data bytes to the Data Buffer
then write a TLB task to
the Command Register
Write6bytes FrameSync
pattern to the Data Buffer
then write a T24S task to
the Command Register
Write 10 Header Block
data bytes to the Data Buffer
then write a THB task to
the Command Register
Increment µC variable
'STATE'
Read Status Register
Yes
Yes
No
No
No
Yes
No
START
(
line goes low )
IRQ
RETURN
( Not MX929B IRQ )
IRQ bit = 1 ?
BFREE bit = 1 ?
'STATE' = 5 ?
'IBLOCKS' = 0 ?
'STATE' = 2 ?
Yes
IBEMPTY bit = 1 ?
Yes
No
'STATE' = 3 ?
No
Yes
'STATE' = 0 ?
IBEMPTY bit = 1 ?
Write 12 Intermediate Block
data bytes to the Data Buffer
then write a TIB task to
the Command Register
E
No
E
Yes
E
E
No
No
Yes
Yes
Value of C variable 'STATE' on entry to IRQ routine
and corresponding MX929B's actions:
0:
Symbol Sync pattern being transmitted,
load Frame Sync pattern & T24S task.
1:
Frame Sync pattern being transmitted,
load Station ID bytes and TSID task.
2:
Station ID Block being transmitted,
load Header Block bytes &THB task.
3:
Header or Intermediate Block being trransmitted
load Intermediate or Last Block bytes & TIB or TLB task.
4:
Last block being transmitted,
ignore this interrupt.
5:
Waiting for end of transmission,
finish on interrupt with IBEMPTY bit set.
µ
Write 3 Station ID bytes
to the Data Buffer
then write a TSID task to
the Command Register
No
Yes
'STATE' = 1 ?
Figure 20: Tx Interrupt Service Routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com