Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 48 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 48 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 43Page - CML Microcircuits DB929B Datasheet HTML 44Page - CML Microcircuits DB929B Datasheet HTML 45Page - CML Microcircuits DB929B Datasheet HTML 46Page - CML Microcircuits DB929B Datasheet HTML 47Page - CML Microcircuits DB929B Datasheet HTML 48Page - CML Microcircuits DB929B Datasheet HTML 49Page - CML Microcircuits DB929B Datasheet HTML 50Page - CML Microcircuits DB929B Datasheet HTML 51Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
4-Level FSK Modem Data Pump
Page 48 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.1.5
Typical Bit Error Rate
1E-6
1E-5
1E-4
1E-3
1E-2
1E-1
8
9
10
11
12
13
14
15
16
S/N dB (Noise in 2 x Symbol RateBandwidth)
BER
BER with FEC
BER without FEC
Figure 29: Typical Bit Error Rate With and Without FEC
Measured under nominal working conditions, LEVRES bits set to 'Level Track' or 'Slow Peak Detect' and
PLLBW bits set to 'Medium' or 'Narrow' Bandwidth, Command Register TXIMP bit set to '0' or '1' (same for Tx
and Rx devices), with pseudo-random data.
Note:
¸¸¹
·
¨¨©
§
Voltage
Noise
Voltage
Signal
20log10
as
calculates
N
/
S
Where:
Signal Voltage is the measured VRMS of a random 4-level signal.
Noise Voltage is the VRMS of a flat Gaussian noise signal having a bandwidth from a few Hz to
twice the symbol rate (e.g. to 9600Hz when measuring a 4800 symbol/sec (9600bps) system).
Both signals are measured at the same point in the test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com