Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 34 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 34 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 30Page - CML Microcircuits DB929B Datasheet HTML 31Page - CML Microcircuits DB929B Datasheet HTML 32Page - CML Microcircuits DB929B Datasheet HTML 33Page - CML Microcircuits DB929B Datasheet HTML 34Page - CML Microcircuits DB929B Datasheet HTML 35Page - CML Microcircuits DB929B Datasheet HTML 36Page - CML Microcircuits DB929B Datasheet HTML 37Page - CML Microcircuits DB929B Datasheet HTML 38Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
4-Level FSK Modem Data Pump
Page 34 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Note: during this time the µC may
perform other functions, as the
µC variable 'STATE' is updated
by the interrupt service routine
Disable µC's MX929B Tx Interrupt Service Routine
Enable µC's MX929B Tx Interrupt Service Routine
Set µC variable 'STATE' to 0
Set the Mode Register IRQEN bit to '1'
Set the Mode Register IRQEN bit to '0'
Read the Status Register
Write a RESET task to the Command Register
Set µC variable 'IBLOCKS'
to the number of Intermediate blocks
to be transmitted
Ensure that the Control Register
has been loaded with
a suitable CKDIV value
Write a T24S task to the Command Register
Write 6 bytes of Symbol Sync
pattern to the Data Buffer
Ensure that the Mode Register
IRQEN, PSAVE, RXEYE and SSIEN bits are '0',
the TX/
bit is '1'
and the INVSYM and SSYM bits are
set appropriately
RX
Yes
Yes
Yes
No
No
No
END
with error
END
START
'STATE' < 6 ?
BFREE bit = 1 ?
'STATE' = 6 ?
Figure 19: Transmit Frame Example Flowchart, Main Program
Notes:
1. The RESET command in Figure 19 and the practice of disabling the MX929B’s
IRQ output when not
needed are not essential but can eliminate problems during debugging and if errors occur in operation
2. The CRC and TXIMP bits should be set appropriately every time a byte is written to the Command
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com