Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 12 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 12 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 8Page - CML Microcircuits DB929B Datasheet HTML 9Page - CML Microcircuits DB929B Datasheet HTML 10Page - CML Microcircuits DB929B Datasheet HTML 11Page - CML Microcircuits DB929B Datasheet HTML 12Page - CML Microcircuits DB929B Datasheet HTML 13Page - CML Microcircuits DB929B Datasheet HTML 14Page - CML Microcircuits DB929B Datasheet HTML 15Page - CML Microcircuits DB929B Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
4-Level FSK Modem Data Pump
Page 12 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
0
-5
-10
-15
-20
-25
-30
0
0.1
0.2
0.3
0.4
0.5
Frequency / Bit Rate
dB
Figure 5: RRC Filter Frequency Response vs. Bit Rate (including the external RC filter R4/C5)
0
-5
-10
-15
-20
-25
-30
0
0.2
0.4
0.6
0.8
1.0
Frequency / Symbol Rate
dB
Figure 6: RRC Filter Frequency Response vs. Symbol Rate (including the external RC filter R4/C5)
4.1.12 Tx Output Buffer
This is a unity gain amplifier used in the transmit mode to buffer the output of the Tx low pass filter. In receive
mode, the input of this buffer is connected to VBIAS, unless the RXEYE bit of the Control Register is '1', in
which case it is connected to the received signal. When changing from Rx to Tx mode, the input to this buffer
will be connected to VBIAS for 8 symbol times while the RRC filter settles.
Note: The RC low pass filter formed by the external components R4 and C5 between the TXOUT pin and the
input to the radio's frequency modulator forms an important part of the transmit signal filtering. These
components may form part of any DC level-shifting and gain adjustment circuitry. The value used for
C5 should take into account stray circuit capacitance, and its ground connection should be positioned to
give maximum attenuation of high frequency noise into the modulator.
The signal at the TXOUT pin is centered around VBIAS. It is approximately 0.2 x VDD voltsP-P for a
continuous ’+3 +3 -3 -3...' pattern with TXIMP = 0. For typical Tx Eye Diagrams refer to Section
4.7, Figure 17 and Figure 18. For typical Rx Eye Diagrams refer to Section 4.5.4.4, Figure 14.
A capacitor may be placed in series with the input to the frequency modulator if AC coupling is desired.
See Section 5.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com