Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 16 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 16 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 12Page - CML Microcircuits DB929B Datasheet HTML 13Page - CML Microcircuits DB929B Datasheet HTML 14Page - CML Microcircuits DB929B Datasheet HTML 15Page - CML Microcircuits DB929B Datasheet HTML 16Page - CML Microcircuits DB929B Datasheet HTML 17Page - CML Microcircuits DB929B Datasheet HTML 18Page - CML Microcircuits DB929B Datasheet HTML 19Page - CML Microcircuits DB929B Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
4-Level FSK Modem Data Pump
Page 16 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
The 'Header' block is self-contained and includes its own checksum (CRC1). It would normally carry
information such as the address of the calling and called parties, the number of following blocks in the frame
(if any), and miscellaneous control information. The number of following blocks (if any) is required to allow the
Rx device software to expect the Last Block and interpret it as a Last Block rather than an Intermediate Block.
There is no other indicator to differentiate a Last Block and an Intermediate Block.
The 'Intermediate' block(s) contain only data, the checksum at the end of the 'Last' block (CRC2) also checks
the data in any preceding 'Intermediate' blocks.
Proprietary systems that do not use RD-LAP
¥ format may use the block structures provided by the MX929B
to build alternative frame formats more suited to the particular application. Some examples are shown in
Figure 7.
SYMBOL
SYNC
SYMBOL
SYNC
SYMBOL
SYNC
FRAME
SYNC
FRAME
SYNC
FRAME
SYNC
'LAST'
BLOCK
'HEADER' BLOCKS
'INTERMEDIATE' BLOCKS
'INTERMEDIATE' BLOCKS
A
B
C
Figure 8: Alternative Frame Structures
The MX929B performs the entire block formatting and de-formatting required to convert data between the
PC
binary form and the Over-Air form as shown in Figure 7.
4.5
The Programmer's View
To the programmer, the modem appears as 4 write only 8-bit registers, shadowed by 3 read only registers.
The individual registers are selected by the A0 and A1 chip inputs:
A1
A0
Write to Modem
Read from Modem
0
0
Data Buffer
Data Buffer
0
1
Command Register
Status Register
1
0
Control Register
Data Quality Register
1
1
Mode Register
not used
Note: There is a minimum time allowance between accesses of the modem's registers, see Section 6.1.4.
4.5.1
Data Block Buffer
This is a 12-byte read/write buffer used to transfer data (as opposed to command, status, mode, and data
quality or control information) between the modem and the host µC.
To the µC, the Data Block Buffer appears as a single 8-bit register. The modem ensures that sequential µC
reads or writes to the buffer are routed to the correct locations within the buffer.
The µC should only access this buffer when the Status Register BFREE (Buffer Free) bit is '1'.
The buffer should only be written to while in Tx mode and read from while in Rx mode. Note that in receive
mode, the modem will function correctly even if the received data is not read from the Data Buffer by the
PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com