Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 15 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 15 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 11Page - CML Microcircuits DB929B Datasheet HTML 12Page - CML Microcircuits DB929B Datasheet HTML 13Page - CML Microcircuits DB929B Datasheet HTML 14Page - CML Microcircuits DB929B Datasheet HTML 15Page - CML Microcircuits DB929B Datasheet HTML 16Page - CML Microcircuits DB929B Datasheet HTML 17Page - CML Microcircuits DB929B Datasheet HTML 18Page - CML Microcircuits DB929B Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
4-Level FSK Modem Data Pump
Page 15 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.4
Frame Structure
The MX929B Frame Structure as used in a RD-LAP
¥ system is illustrated in Figure 7, and consists of a
Frame Preamble (comprising a 24-symbol Frame Synchronization pattern and Station ID block), followed by a
'Header Block', one or more 'Intermediate Blocks', and a 'Last Block'. Channel Status (S) symbols are
included at regular intervals. The first Frame of any transmission is preceded by a Symbol Synchronization
pattern.
0
1
2
3
54
6
7
0
1
2
3
54
6
7
FEC TRELLIS CODING / DECODING
(ERROR CORRECTION)
INTERLEAVING / DE-INTERLEAVING
02
34
5
29 30 31 32
64 65
1
Byte 11
2
1
0
22 Symbols
22 Symbols
22 Symbols
SS
S
Byte 0
Byte 1
00
'000'
0
77
7
Symbol
Sync
Frame
Sync
S
Station
ID
'Header'
Block
S
24
24
1
22
1
69
Frame
Preamble
Intermediate Blocks
Packet (1 to 44 Blocks)
69
69
69
'Last'
Block
Frame
Sync
Next Frame
(Optional)
Frame
-1 +1
-1 +1 -1 +3 -3 +3 -3
-1
+1 -3 +3 +3
-1 +1 -3
-3 +1 +3 -1
-3
+1 +3
+3 +3
-3
-3 +3 +3 -3
-3 +3 +3
-3 -3 +3 +3
-3
-3
-3
+3
+3
-3
-3
-3
+3 +3
S: Channel Status Symbol: +3 = Busy, +1 = Unknown, -1 = Unknown, -3 = Idle
Frame Sync:
Symbol Sync:
sent first
last
Over-air Signal
(symbols)
Block:
0
1
2
3
54
6
7
Last Block
Intermediate Blocks
Header Block
4
5
6
7
8
9
10
11
0
1
2
3
µC binary data stored
in MX929B data block
memory configured as
header, intermediate, or
last block by MX929B
task being executed.
Byte
FEC TRELLIS CODING / DECODING
(ERROR CORRECTION)
89
10
0
12
Byte 0
Byte 1
Byte 2
Byte 3
Data Bytes
(0-8)
--------------
Pad Bytes
(0-8)
Address
&
Control
(10 bytes)
Data Bytes
(12 bytes)
CRC2
(4 bytes)
CRC1
(2 bytes)
70
70 70
2
'000'
0
21
1
20
tri-bits
4-level
symbols
0
1
2
3
54
6
7
0
1
2
3
Station ID
lsb
msb
CRC0
System ID
Domain ID
Base ID
Byte
Figure 7: Over-Air Signal Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com