Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 42 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 42 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 38Page - CML Microcircuits DB929B Datasheet HTML 39Page - CML Microcircuits DB929B Datasheet HTML 40Page - CML Microcircuits DB929B Datasheet HTML 41Page - CML Microcircuits DB929B Datasheet HTML 42Page - CML Microcircuits DB929B Datasheet HTML 43Page - CML Microcircuits DB929B Datasheet HTML 44Page - CML Microcircuits DB929B Datasheet HTML 45Page - CML Microcircuits DB929B Datasheet HTML 46Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
4-Level FSK Modem Data Pump
Page 42 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.5
Radio Performance
The maximum data rate that can be transmitted over a radio channel using this modem depends on:
x
RF channel spacing.
x
Allowable adjacent channel interference.
x
Symbol rate.
x
Peak carrier deviation (modulation index).
x
Tx and Rx reference oscillator accuracy.
x
Modulator and demodulator linearity.
x
Receiver IF filter frequency and phase characteristics.
x
Use of error correction techniques.
x
Acceptable error rate.
As a guide, 4800 symbols/sec (9600bps) can be achieved (subject to local regulatory requirements) over a
system with 12.5kHz channel spacing if the transmitter frequency deviation is set to ±2.5kHz peak for a
repetitive ' +3 +3 -3 -3 ... ' pattern and the maximum difference between transmitter and receiver 'carrier'
frequencies is less than 2400Hz.
The modulation scheme employed by these modems is designed to achieve high data throughput by
exploiting as much as possible of the RF channel bandwidth. However, this does place constraints on the
performance of the radio. Particular attention must be paid to:
x
Linearity, frequency, and phase response of the Tx Frequency Modulator. For a 4800 symbols/sec
(9600bps) system, the frequency response should be within ±2dB over the range 3Hz to 5kHz, relative to
2400Hz.
x
The bandwidth and phase response of the receiver's IF filters.
x
Accuracy of the Tx and Rx reference oscillators, as any difference will shift the received signal towards the
skirts of the IF filter response and cause a DC offset at the discriminator output.
Viewing the equalized received signal eye diagram, using the Mode Register RXEYE function, provides a good
indication of the overall RF transmitter/receiver performance.
Rx
CIRCUITS
Tx
CIRCUITS
D0 - D7
A0 - A1
CS
RD
WR
IRQ
D0 - D7
A0 - A1
CS
RD
WR
IRQ
TXOUT
SIGNAL AND
DC LEVEL
ADJUSTMENT
SIGNAL LEVEL
ADJUSTMENT
RXIN
RXAMPOUT
Rx FREQUENCY
DISCRIMINATOR
µC
Tx
FREQUENCY
MODULATOR
DC LEVEL
ADJUSTMENT
MX929A MODEM
Figure 26: Typical Connections between Radio and MX929B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com