Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 46 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 46 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 42Page - CML Microcircuits DB929B Datasheet HTML 43Page - CML Microcircuits DB929B Datasheet HTML 44Page - CML Microcircuits DB929B Datasheet HTML 45Page - CML Microcircuits DB929B Datasheet HTML 46Page - CML Microcircuits DB929B Datasheet HTML 47Page - CML Microcircuits DB929B Datasheet HTML 48Page - CML Microcircuits DB929B Datasheet HTML 49Page - CML Microcircuits DB929B Datasheet HTML 50Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
4-Level FSK Modem Data Pump
Page 46 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.1.3.1
Operating Characteristics Notes:
1. Not including any current drawn from the modem pins by external circuitry other than the Xtal oscillator.
2. Small signal impedance.
3. Measured after the external RC filter (R4/C5) for a "+3 +3 -3 -3...." symbol sequence. (Tx output level is
proportional to VDD).
4. Measured at the TXOUT pin with the modem in the Tx idle mode.
5. For optimum performance, measured at RXAMPOUT pin, for a "...+3 +3 -3 -3..." symbol sequence,
TXIMP = 0 or 1. The optimum level and DC offset values are proportional to VDD.
6. Timing for an external input to the XTAL/Clock pin.
7.
WR , RD , CS , A0 and A1 pins.
8. D0 - D7 pins.
9. IRQ pin.
6.1.4
Timing
PC Parallel Interface Timings (ref. Figure 28) Notes
Min.
Typ.
Max.
Units
tACSL
Address valid to CS low time
0
ns
tAH
Address hold time
0
ns
tCSH
CS
hold time
0
ns
tCSHI
CS
high time
1
6.0
clock cycles
tCSRWL
CS
to WR or RD low time
0
ns
tDHR
Read data hold time
0
ns
tDHW
Write data hold time
0
ns
tDSW
Write data setup time
90.0
ns
tRHCSL
RD high to CS low time (write)
0
ns
tRACL
Read access time from CS low
2
175
ns
tRARL
Read access time from RD low
2
145
ns
tRL
RD low time
200
ns
tRX
RD high to D0-D7 3-state time
50
ns
tWHCSL
WR high to CS low time (read)
0
ns
tWL
WR low time
200
ns
6.1.4.1
Timing Notes:
1. Xtal/Clock cycles at the XTAL/CLOCK pin.
2. With 30pF max to VSS on D0 - D7 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com