Electronic Components Datasheet Search
  English  ▼

X  

DB929B Datasheet(PDF) 28 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 28 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 24Page - CML Microcircuits DB929B Datasheet HTML 25Page - CML Microcircuits DB929B Datasheet HTML 26Page - CML Microcircuits DB929B Datasheet HTML 27Page - CML Microcircuits DB929B Datasheet HTML 28Page - CML Microcircuits DB929B Datasheet HTML 29Page - CML Microcircuits DB929B Datasheet HTML 30Page - CML Microcircuits DB929B Datasheet HTML 31Page - CML Microcircuits DB929B Datasheet HTML 32Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
4-Level FSK Modem Data Pump
Page 28 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.5.5
Status Register
This register may be read by the
PC to determine the current state of the modem.
76543210
Status Register
IRQ
IBEMPTY
DIBOVF
SRDY
SVAL
BFREE
CRCERR
4.5.5.1
Status Register B7: IRQ - Interrupt Request
This bit is set to '1' by:
The Status Register BFREE bit going from '0' to '1', unless this is caused by a RESET task or by a
change to the Mode Register
RX
/
TX
or PSAVE bits
or
The Status Register IBEMPTY bit going from '0' to '1', unless this is caused by a RESET task or by
changing the Mode Register
RX
/
TX
or PSAVE bits.
or
The Status Register DIBOVF bit going from '0' to '1'.
or
The Status Register SRDY bit being set to '1' (due to a 'S' symbol being received or transmitted) if the
Mode Register SSIEN bit is '1'.
The IRQ bit is cleared to '0' immediately after a read of the Status Register.
If the IRQEN bit of the Mode Register is '1', then the chip IRQ output will be pulled low (VSS) when the IRQ bit
is set to '1', and will go high impedance when the Status Register is read.
4.5.5.2
Status Register B6: BFREE - Data Block Buffer Free
This bit reflects the availability of the Data Block Buffer and is cleared to '0' when a task other than NULL or
RESET is written to the Command Register.
In transmit mode, the BFREE bit will be set to '1' (also setting the Status Register IRQ bit to '1') by the modem
when the modem is ready for the µC to write new data to the Data Block Buffer and the next task to the
Command Register.
In receive mode, the BFREE bit is set to '1' (also setting the Status Register IRQ bit to '1') by the modem when
it has completed a task and any data associated with that task has been placed into the Data Block Buffer.
The µC may then read that data and write the next task to the Command Register.
The BFREE bit is also set to '1' - but without setting the IRQ bit - by a RESET task or when the Mode Register
RX
/
TX
or PSAVE bits are changed.
4.5.5.3
Status Register B5: IBEMPTY - Interleave Buffer Empty
In transmit mode, this bit will be set to '1' - also setting the IRQ bit - when less than two symbols remain in the
Interleave Buffer. Any transmit task written to the modem after this bit goes to '1' will be too late to avoid a gap
in the transmit output signal.
The bit is also set to '1' by a RESET task or by a change of the Mode Register
RX
/
TX
or PSAVE bits, but in
these cases the IRQ bit will not be set.
The bit is cleared to '0' within one symbol time after a task other than NULL or RESET is written to the
Command Register.
Note: When the modem is in transmit mode and the Interleave Buffer is empty, a mid-level (halfway between
'+1' and '-1') signal will be sent to the RRC filter.
In receive mode this bit will be '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com