Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 10/35
E-mail:sales@hoperf.com
5. Functional Descriptions
RFIN
GND
LNA
I-MXR
Q-MXR
Image
Rejection
Band-pass
Filter
I-LMT
RSSI
Q-LMT
SAR
AGC
DEMOD
AFC & AGC
Radio
Controller
4-wire SPI,
FIFO
Interface
FCSB
CSB
SCL
SDA
VDD
LO GEN
LDOs
Bandgap
VCO
Loop
Filter
Divider
PFD/CP
26 MHz
EEPROM
LPOSC
IO Control
GPO1
GPO2
GPO3
GND
POR
AFC & Σ-Δ Modulator
XOSC
GPO4
VCON
VCOP
XIN
XOUT
Figure 10. Functional Block Diagram
5.1 Overview
The RFM219SW is an ultra low power, high performance, OOK and (G)FSK RF receiver for various 300 to 960 MHz wireless
applications. It is part of the HOPERF NextGenRF
TM family, which includes a complete line of transmitters, receivers and
transceivers. The device is based on a fully integrated, low-IF receiver architecture. The low-IF architecture facilitates a very low
external component count and does not suffer from powerline - induced interference problems. The RF signal coming from
antenna is amplified, down-converted, filtered and further amplified in analog domain before sending into the digital demodulator.
The synthesizer contains a VCO and a low noise fractional-N PLL with an output frequency resolution of 24.8 Hz. The VCO
operates at 2x the Local Oscillator (LO) frequency to reduce spurious emissions. Every analog block is calibrated on each
Power-on Reset (POR) to the internal reference voltage. The calibration helps the device to finely work under different
temperatures and supply voltages. The baseband filtering and demodulation is done by the digital demodulator. The device
supports packet handling, 32-byte FIFO, Manchester decoding and data de-whitening for the received data processing. Besides
the demodulated data and the sync clock, the device can also send out the power-on reset, the system clock, as well as 2
configurable interrupts for the external device.
The 4-wire SPI interface is not only used for configuring the device by programming the EEPROM, but also controlling the device
by the external MCU. All features can be configured either by off-line EEPROM programming or on-line registers writing. The
configuration file to be written into the registers is generated by the smart RFPDK. The RF Frequency, symbol rate and other
product features are all configurable. This saves the cost and simplifies the design, development and manufacture. The
RFM219SW operates from 1.8 to 3.6 V so that it can finely work with most batteries to their useful power limits. The receive
current is only 5.7 mA while achieving -109 dBm receiving sensitivity (FSK @ 868.35 MHz FRF, 9.6 ksps SR), and only 60 nA
sleep current for superior battery life. The RFM219SW receiver together with the CMT2119A transmitter enables a powerful RF
link.
5.2 Modulation, Frequency and Symbol Rate
The RFM219SW supports OOK demodulation with the symbol rate from 0.1 to 40 ksps and (G)FSK demodulation with the
symbol rate from 0.1 to 100 ksps. It continuously covers the frequency range from 300 to 960 MHz, including the license free
ISM frequency band around 315 MHz, 433.92 MHz, 868.35 MHz and 915 MHz. The internal frequency synthesizer contains a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com