Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 17Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 18Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 19Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 20Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 17/35
E-mail:sales@hoperf.com
modulation index is given by:
Modulation Index
=
The value of crystal tolerance dominates the frequency error:
Deviation x 2
Symbol Rate
Frequency Error
>=
Xtal Tolerance x Frequency
By obeying the following rules, the RFPDK automatically computed the minimum value of the deviation that can be configured.
Deviation
>=
Symbol Rate x 2
Deviation
>=
Frequency Error
0.7
This means the Modulation Index cannot be less than 1. Also, the deviation must be larger than the frequency error in order to
guarantee the reception. The RFPDK also computes the maximum value of the deviation that can be configured. The following
rule is obeyed:
Deviation
<=
220 kHz – Frequency Error
Therefore, once the Symbol Rate and Xtal Tolerance are configured on the RFPDK, the configurable range of the Deviation is
automatically obtained.
On the other hand, the FSK demodulation can be automatically turned on and off by detecting the RSSI relative thresholds to
save the power consumption of the device. Automatic Frequency Control (AFC) can be used by the user to minimize/remove the
frequency error between the Tx and the Rx. More details of the (G)FSK demodulation can be found in the document “AN138
RFM219SW Configuration Guideline”.
5.6 SPI Interface
The communication between the MCU and the chip is done via the 4-wire SPI interface. The active-low CSB indicates that the
MCU is trying to access to the registers. The active-low FCSB indicates that the MCU is trying to read the FIFO. The CSB and
FCSB cannot be both set low at the same time. The SCL is the serial clock. For both of the MCU and the chip, data is always sent
at the falling edge of SCL and captured at the rising edge of SCL. The SDA is a bi-directional data pin. Address and data is
always sent starting from the MSB.
5.6.1 Register Read & Write Operation
While accessing to the registers, an r/w bit is sent followed by a 7-bit register address. The MCU must pull the CSB to low at least
half SCL cycle before sending the r/w bit. After issuing the last falling edge of SCL, the MCU must wait for at least half SCL cycle
before pulling the CSB back to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com