Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 23Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 24Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 25Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 26Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 27Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 28Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 29Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 30Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 27/35
E-mail:sales@hoperf.com
Register that has the address 0x47 allows the user to set and verify the operation modes.
Register that has the address 0x4F is dedicated to the soft reset command.
Table 16. Control Bank Registers
Name
Addr
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_EN
0x3F
0x00
SL_TMO_EN
RX_TMO_EN
RSSI_VLD_EN
PREM_PS_EN
NODE_PS_EN
SYNC_PS_EN
CRC_PS_EN
PKT_DONE_EN
IO_SEL
0x40
0x00
GPO4_SEL<1:0>
GPO3_SEL<1:0>
GPO2_SEL<1:0>
GPO1_SEL<1:0>
INTCTL_A
0x41
0x00
INT2_CTL<3:0>
INT1_CTL<3:0>
INTCTL_B
0x42
0x00
SL_TMO_CLR
RX_TMO_CLR
RSSI_VLD_CLR
PREM_PS_EN
NODE_PS_CLR
SYNC_PS_CLR
CRC_PS_CLR PKT_DONE_CLR
INTCTL_C
0x43
0x00
SL_TMO_FLG
RX_TMO_FLG
RSSI_VLD_FLG
PREM_PS_FLG
NODE_PS_FLG
SYNC_PS_FLG
CRC_PS_FLG
PKT_DONE_FLG
INTCTL_D
0x44
0x00
RESV
FIFO_FULL_FLG FIFO_NMTY_FLG
FIFO_TH_FLG
FIFO_OVF_FLG FIFO_PKT_CLR
RESV
RESV
RSSI
0x45
0x00
RSSI_VALUE<7:0>
FUNC_EN
0x46
0x04
RESV
SLTIMER_STOP
PROD_TEST_EN
RESV
RESV
HS_SPI_EN
RESV
RESV
OP_CTRL
0x47
0x00
OP_STATUS<2:0>
OP_SW ITCH<4:0>
SOFTRST
0x4F
NA
SOFT_RST<7:0>
The detailed descriptions of each register are given below.
Table 17. INT_EN Register
Register
Bit
RW
Bit Name
Descriptions
0: Disable the sleep timer timeout interrupt (default).
INT_EN
(0x3F)
7
r/w
SL_TMO_EN
6
r/w
RX_TMO_EN
5
r/w
RSSI_VLD_EN
4
r/w
PREAM_PS_EN
3
r/w
SYNC_PS_EN
2
r/w
NODE_PS_EN
1
r/w
CRC_PS_EN
0
r/w
PKT_DONE_EN
1: Enable the sleep timer timeout interrupt.
0: Disable the receive timer timeout interrupt (default).
1: Enable the receive timer timeout interrupt.
0: Disable the RSSI valid interrupt (default).
1: Enable the RSSI valid interrupt.
0: Disable the preamble detection pass interrupt (default).
1: Enable the preamble detection pass interrupt.
0: Disable the sync word detection pass interrupt (default).
1: Enable the sync word detection pass interrupt.
0: Disable the node ID detection pass interrupt (default).
1: Enable the node ID detection pass interrupt.
0: Disable the CRC validation pass interrupt (default).
1: Enable the CRC validation pass interrupt.
0: Disable the packet receive finish interrupt (default).
1: Enable the packet receive finish interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com