Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 22Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 23Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 24Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 25Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 26Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 27Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 28Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 29Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 26/35
E-mail:sales@hoperf.com
5.11 User Registers
The user registers are all 8-bit width. There are two banks of the user registers: Configuration Bank and Control Bank.
5.11.1 Configuration Bank
The configuration bank has the address from 0x00 to 0x3D. This bank of registers provides an option to configure the feature of
the device. The way to do that is: use the RFPDK to generate the HEX file of the desired configurations, load the file into the
external MCU program, and the MCU program will write the content of HEX file into all these registers via the SPI at the
beginning of the application. This bank will only have to be written once in the application. The contents of these registers retain
their values until the power down of the device, and they will not be reset by the soft reset operation.
If the Sync Word recognition is done by the device in the application, the 4 configuration registers below, which store the value of
the 32-bit (maximum size) Sync Word, might have different values in different devices. Therefore, in that case, the value of the
Sync Word for each device does not come from the HEX file generated by the RFPDK, but the external MCU program. After
writing the content of the HEX file into the entire configuration bank, the MCU is able to overwrite these 4 registers with the
unique Sync Word at the beginning of the application.
Table 15. Sync Word Registers
Name
Addr
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SYNC_A
0x16
0x00
Sync Word <7:0>
SYNC_B
0x17
0x00
Sync Word <15:8>
SYNC_C
0x18
0x00
Sync Word <23:16>
SYNC_D
0x19
0x00
Sync Word <31:24>
DC_CTL
0x1F
0x00
DC En
LFOSC Mode <1:0>
NA
NA
NA
NA
NA
SL_CTL
0x23
0x00
SLP En
NA
NA
NA
NA
NA
NA
NA
RX_CTL
0x25
0x00
RX En
NA
NA
NA
NA
NA
NA
NA
If EEPROM programming is used to configure the device, this configuration bank of user registers must NOT be written in the
MCU program, with the exception of the 4 Sync Word registers introduced above.
The “DC En”, “LFOSC Mode<1:0>”, “SLP En” and “RX En” bits provide the flexibility for the user to manually turn on/off the duty
cycle mode, as well as the sleep timer and the receive timer. The other NA bits of these registers must not be changed by the
external MCU.
A typical application is that, the device is configured to work in the passive mode by the RFPDK. After the power-up process the
device enters the sleep state, in which the external MCU can setup the control bank registers of the device. After that, the MCU
uses the above register bits to manually turn on the duty cycle mode. The device then automatically works in the duty-cycle mode
without the need of any external control. The MCU can disable the duty-cycle mode of the device any time when it is necessary.
The details of how to use these bits to turn on/off the duty-cycle mode is given in the application note “AN138 RFM219SW
Configuration Guideline”.
5.11.2 Control Bank
Ten registers are available for the user to control the chip in the MCU program. Their functions are summarized as below.
Registers those have the address from 0x3F to 0x44 provide the interface to control the GPO and interrupts.
Register that has the address 0x45 allows the user to read out the instantiate RSSI value.
Register that has the address 0x46 allows the user to disable/enable a couple of specific functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com