Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 7/35
E-mail:sales@hoperf.com
2. Pin Descriptions
Figure 2. Pin Diagram
Table 6. RFM219SW Pin Descriptions
Pin Number
Name
I/O
Descriptions
1
ANT
I
RF signal input to the LNA
2
VDD
I
Power supply input, 1.8 V to 3.6 V
3,14
GND
I
Ground
4
CSB
I
4-wire SPI chip select input, active low, internally pulled high
5
SDA
IO
4-wire SPI data input and output
6
SCL
I
4-wire SPI clock input, internally pulled low
7
FCSB
I
4-wire SPI FIFO select input, active low. leave floating when programming the
EEPROM, internally pulled high
8
GPO4
O
General purpose output, options are: DOUT (Default), INT1, INT2 and DCLK
9
GPO3
O
General purpose output, options are: CLKO (Default), INT1, INT2 and DOUT
10, 11
NC
--
Not Connected
12
GPO2
O
General purpose output, options are: INT1 (Default), INT2 and DCLK
13
GPO1
O
General purpose output, options are: nRSTO (Default), INT1, INT2 and DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com