Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 24Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 25Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 26Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 27Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 28Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 29Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 30Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 31Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 28/35
E-mail:sales@hoperf.com
Table 18. IO_SEL Register
Register
Bit
RW
Bit Name
Descriptions
IO_SEL
(0x40)
7:6
r/w
GPO4_SEL<1:0>
Select which signal is assigned to GPO4.
00: DOUT is output via GPO4 (default).
01: INT1 is output via GPO4.
10: INT2 is output via GPO4.
11: DCLK is output via GPO4.
5:4
r/w
GPO3_SEL<1:0>
Select which signal is assigned to GPO3.
00: CLKO is output via GPO3 (default).
01: INT1 is output via GPO3.
10: INT2 is output via GPO3.
11: DOUT is output via GPO3.
3:2
r/w
GPO2_SEL<1:0>
Select which signal is assigned to GPO2.
00: INT1 is output via GPO2 (default).
01: INT2 is output via GPO2.
10: DCLK is output via GPO2.
11: logic ‘0’ is output via GPO2.
10:
r/w
GPO1_SEL<1:0>
Select which signal is assigned to GPO1.
00: nRSTO is output via GPO1 (default).
01: INT1 is output via GPO1.
10: INT2 is output via GPO1.
11: DOUT is output via GPO1.
Table 19. INCTL_A
Register
Bit
RW
Bit Name
Descriptions
This allows the user to select which interrupt is observable on the INT2.
The setting is different in the 3 different data modes.
Value
Direct Mode
Buffer Mode
Packet Mode
0000
0
0
0
0001
RSSI_VLD
RSSI_VLD
RSSI_VLD
0010
PREAM_PS
PREAM_PS
PREAM_PS
0011
SYNC_PS
SYNC_PS
SYNC_PS
0100
SL_TMO
SL_TMO
NODE_PS
INTCTL_A
(0x41)
7:4
r/w
INT2_CTL<3:0>
0101
RX_TMO
RX_TMO
CRC_PS
0110
RSSI_INDI
FIFO_NMTY
PKT_DONE
0111
0
FIFO_TH
SL_TMO
1000
0
FIFO_FULL
RX_TMO
1001
0
FIFO_WBYTE
FIFO_NMTY
1010
0
FIFO_OVF
FIFO_TH
1011
0
RSSI_INDI
FIFO_FULL
1100
0
0
FIFO_WBYTE
1101
0
0
FIFO_OVF
1110
0
0
RSSI_INDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com