Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 17Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 18Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 15/35
E-mail:sales@hoperf.com
5.5 Internal Blocks Description
5.5.1 RF Front-end and AGC
The RFM219SW features a low-IF receiver. The RF front-end of the receiver consists of a Low Noise Amplifier (LNA), I/Q
mixer and a wide-band power detector. Only a low-cost inductor and a capacitor are required for matching the LNA to any
common used antennas. The input RF signal induced on the antenna is amplified and down-converted to the IF frequency for
further processing.
By means of the wide-band power detector and the attenuation networks built around the LNA, the Automatic Gain Control (AGC)
loop regulates the RF front-end’s gain to get the best system linearity, selectivity and sensitivity performance, even though the
receiver suffers from strong out-of-band interference.
5.5.2 IF Filter
The signals coming from the RF front-end are filtered by the fully integrated 3
rd-order band-pass image rejection IF filter which
achieves over 35 dB image rejection ratio typically. The IF center frequency is dynamically adjusted to enable the IF filter to
locate to the right frequency band, thus the receiver sensitivity and out-of-band interference attenuation performance are kept
optimal despite the manufacturing process tolerances. The IF bandwidth is automatically computed according to the three basic
system parameters input from the RFPDK: RF frequency, Xtal tolerance, and symbol rate.
5.5.3 RSSI
The subsequent multistage I/Q Log amplifiers enhance the output signal from IF filter before it is fed for demodulation. Receive
Signal Strength Indicator (RSSI) generators are included in both Log amplifiers which produce DC voltages that are directly
proportional to the input signal level in both of I and Q path. The resulting RSSI is a sum of both these two paths. Extending from
the nominal sensitivity level, the RSSI achieves over 66 dB dynamic range.
The RFM219SW integrates a patented DC-offset cancellation engine. The receiver sensitivity performance benefits a lot from
the novel, fast and accurate DC-offset removal implementation.
5.5.4 SAR ADC
The on-chip 8-bit SAR ADC digitalizes the RSSI output. When receiving a FSK or GFSK modulated signal, the digitized RSSI is
used to turn on and off the (G)FSK demodulator. When receiving an OOK modulated signal, it is used for OOK demodulation in
the digital domain.
5.5.5 Crystal Oscillator
The crystal oscillator is used as the reference clock for the PLL frequency synthesizer and system clock for the digital blocks. A
26 MHz crystal should be used with appropriate loading capacitors (C2 and C3 in Figure 9, Page 11). The values of the loading
capacitors depend on the total load capacitance CL specified for the crystal. The total load capacitance seen between the XIN
and XOUT pin should equal CL for the crystal to oscillate at 26 MHz.
CL =
1
1
+
C2
1
C3
+ Cparasitic
The parasitic capacitance is constituted by the input capacitance and PCB tray capacitance. The ESR of the crystal should be
within the specification in order to ensure a reliable start-up. An external signal source can easily be used in place of a
conventional XTAL and should be connected to the XIN pin. The incoming clock signal is recommended to have a peak-to-peak
swing in the range of 300 mV to 700 mV and AC-coupled to the XIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com