Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM219SW Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.hoperf.com
RFM219SW
Rev 1.0 | Pag1/35
E-mail:sales@hoperf.com
Features
Embedded EEPROM
 Very Easy Development with RFPDK
 All Features Programmable
Frequency Range: 300 to 960 MHz
FSK, GFSK and OOK Demodulation
Symbol Rate: 0.1 to 100 ksps
Sensitivity: -109 dBm @ 9.6 ksps, FSK, 868M Hz
4-wire SPI Interface
Direct, Buffer and Packet Mode Supported
Configurable Data Handler and 32-Byte FIFO
Manchester Decoding and Data De-Whitening
Supply Voltage: 1.8 to 3.6 V
Low Power Consumption: 5.7 mA
Low Sleep Current
 60 nA when Sleep Timer Off
 440 nA when Sleep Timer on
RoHS Compliant
Module Size:16*16*5.0mm
Descriptions
The RFM219SW is an ultra low power, high performance,
OOK and (G)FSK receiver
for
various
300 to 960
MHz wireless applications. It is part of the HOPERF
NextGenRF
TM family, which includes a complete line of
transmitters, receivers and transceivers. All features can
be
configured
either
by
off-line
EEPROM
programming
or
on-line
registers
writing.
The
configuration file to be written , into the registers is
generated
by
the
smart
RFPDK.
The RFM219SW
operates from a supply voltage of 1.8 V to 3.6V, when it
is always on, it consumes only 5.7 mA current while
achieving -109 dBm receiving sensitivity (FSK, 9.6 ksps
symbol rate, 868.35 MHz), and only 60 nA sleep current
for superior battery life. The device supports packet
handling,
32-byte
FIFO,
Manchester
decoding
and
data de-whitening for the received data processing.
Besides the demodulated data and the sync clock, the
device can also , send out the power-on reset, the
system clock, as well as 2 configurable interrupts for the
external device. RFM219SW receiver together with the
CMT211xA transmitter enables a powerful RF link.
Applications
Low-Cost Consumer Electronics Applications
Home and Building Automation
I
nfrared Receiver Replacements
Industrial Monitoring and Controls
Remote Automated Meter Reading
Remote Lighting Control System
Wireless Alarm and Security Systems
Remote Keyless Entry (RKE)
RFM219SW


Similar Part No. - RFM219SW

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM219SW HOPE-RFM219SW Datasheet
909Kb / 35P
Embedded EEPROM
RFM219SW-315S1 HOPE-RFM219SW-315S1 Datasheet
909Kb / 35P
Embedded EEPROM
RFM219SW-433S1 HOPE-RFM219SW-433S1 Datasheet
909Kb / 35P
Embedded EEPROM
More results

Similar Description - RFM219SW

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PL3 DBLECTRO-PL3 Datasheet
369Kb / 2P
Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
General Cable Technolog...
05481 GENERAL-05481 Datasheet
74Kb / 1P
Sound, Alarm & Security Cable
05485 GENERAL-05485 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
logo
List of Unclassifed Man...
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Texas Instruments
CC1101RTKR TI-CC1101RTKR Datasheet
2Mb / 105P
Wireless alarm and security systems, Industrial monitoring and control
logo
List of Unclassifed Man...
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Roithner LaserTechnik G...
EPD-470-1-0.9 ROITHNER-EPD-470-1-0.9 Datasheet
319Kb / 2P
Alarm systems
logo
Ultralife Corporation.
CR123A ULTRALIFE-CR123A Datasheet
457Kb / 2P
Safety and security systems
16 DEC 20 Rev: C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com