Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 6/35
E-mail:sales@hoperf.com
1.4 Crystal Oscillator
Table 5. Crystal Oscillator Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Crystal Frequency
[1]
FXTAL
26
26
26
MHz
Crystal Tolerance
[2]
±20
ppm
Load Capacitance
CLOAD
10
15
20
pF
Crystal ESR
Rm
60
Ω
XTAL Startup Time
[3]
tXTAL
400
us
Notes:
[1]. The RFM219SW can directly work with external 26 MHz reference clock input to XIN pin (a coupling capacitor is required)
with peak-to-peak amplitude of 0.3 to 0.7 V.
[2]. This is the total tolerance including (1) initial tolerance, (2) crystal loading, (3) aging, and (4) temperature dependence.
The acceptable crystal tolerance depends on RF frequency and channel spacing/bandwidth.
[3]. This parameter is to a large degree crystal dependent.
1.5 LPOSC
Table 6. LPOSC Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Calibrated Frequency
[1]
FLPOSC
1
kHz
Frequency Accuracy
After calibration
1
%
Temperature Coefficient
[2]
-0.02
%/°C
Supply Voltage Coefficient
[3]
+0.5
%/V
Initial Calibration Time
tLPOSC-CAL
4
ms
Notes:
[1]. The LPOSC is automatically calibrated to the crystal oscillator during the PUP state, and is periodically calibrated since
then.
[2]. Frequency drifts when temperature changes after calibration.
[3]. Frequency drifts when supply voltage changes after calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com