Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RFM219SW Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 4/35
E-mail:sales@hoperf.com
1. Electrical Characteristics
VDD = 3.3 V, TOP = 25 ℃, FRF = 868.35 MHz, sensitivities are measured in receiving a PN9 sequence and matching to 50 Ω
impedance, with the BER of 0.1%. All measurements are performed using the board RFM219SW-EM V1.0, unless
otherwise noted.
1.1 Recommended Operation Conditions
Table 2. Recommended Operation Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operation Voltage Supply
VDD
1.8
3.6
V
Operation Temperature
TOP
-40
85
℃
Supply Voltage Slew Rate
1
mV/us
1.2 Absolute Maximum Ratings
Table 3. Absolute Maximum Ratings
[1]
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
3.6
V
Interface Voltage
VIN
-0.3
VDD + 0.3
V
Junction Temperature
TJ
-40
125
℃
Storage Temperature
TSTG
-50
150
℃
Soldering Temperature
TSDR
Lasts at least 30 seconds
255
℃
ESD Rating
[2]
Human Body Model (HBM)
-2
2
kV
Latch-up Current
@ 85 ℃
-100
100
mA
Notes:
[1]. Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
[2]. The RFM219SW is high-performance RF integrated circuits with VCON/P pins having an ESD rating < 2 kV HBM.
Handling and assembly of this device should only be done at ESD-protected workstations.
Caution! ESD sensitive device. Precaution should be used when handling the device in order
to prevent permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com