Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 21Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 22Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 23Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 24Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 25Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 26Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 27Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 28Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 25/35
E-mail:sales@hoperf.com
Similar to the buffer mode, the data are obtained by reading the FIFO. The packet handler provides various options of decoding
and validating the incoming data. This can further reduce the work load and user program size of the MCU.
Packet Type: Fixed Length
The fixed length means that the payload length is configured into the device and will not be changed during the transmission. The
RX and TX shall have the same payload length in this case. The payload contains the optional Node ID and the Data. The
maximum payload length is limited to the FIFO size which is 32 bytes.
Optional Manchester or
data-whitening decoding
Preamble
Configurable
1 - 4 bytes
Sync
Configurable
1 - 4 bytes
Node ID
Optional
1 byte
Data
Configurable
0 - 31 bytes
CRC
Optional
2 bytes
Payload/FIFO
CRC calculation
Figure 24. Fixed Length Packet Structure
Packet Type: Variable Length
The variable length means that the payload length can vary in different frames. In this case, an additional “Length” byte is given
as the part of the payload to indicate the payload length of the current frame. The maximum payload length can be indicated by
the Length byte is 31, because the Length byte itself is not included in the calculation. For example, if the Length byte indicates
that the payload is 31 bytes, and the Node ID is supported, it means that there will be 1 byte of Node ID and 30 bytes of Data
incoming.
If the Length byte indicates that the payload length is larger than 31, which exceeds the maximum size of the FIFO minus 1, the
current packet will be discarded by the device and the Data will not be shifted into the FIFO.
Optional Manchester or
data-whitening decoding
Preamble
Configurable
1 - 4 bytes
Sync
Configurable
1 - 4 bytes
Node ID
Optional
1 byte
Length
1 byte
Data
Configurable
0 - 30 bytes
CRC
Optional
2 bytes
Payload/FIFO
CRC calculation
Figure 25. Variable Length Packet Structure
For more details of the FIFO and configuring each component of the packet handler, please refer to the “AN138
RFM219SW Configuration Guideline”.
5.10 Receiver Operation Control
Multiple options, which can be seen in “Table 10 – Operating Setting”, are available for the user to design different operating
behavior of the device. The main purpose of this is to save the power consumption of the system. It can be seen that the device
contains a sleep timer and a receive timer. Also, the device supports the well-known wake-on radio (WOR) operation. Please
refer to the document “AN138 RFM219SW Configuration Guideline” for the details introduction of the operation settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com