Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 8/35
E-mail:sales@hoperf.com
868.35 MHz
433.92 MHz
3. Typical Performance Characteristics
6.00
Current vs. Supply Voltage
6.60
Current vs. Temperature
5.50
6.20
5.00
4.50
4.00
3.50
3.00
5.80
5.40
5.00
4.60
4.20
868.35MHz/3.6V
868.35MHz/3.3V
868.35MHz/1.8V
433.92MHz/3.6V
433.92MHz/3.3V
433.92MHz/1.8V
2.50
3.80
2.00
1.60
1.85
2.10
2.35
2.60
2.85
3.10
3.35
3.60
3.85
Supply Voltage (V)
3.40
-50
-30
-10
10
30
50
70
90
Temperature (℃)
Figure 3. Current vs. Voltage, FRF = 433.92 /
868.35 MHz, OOK, SR = 1 ksps
Figure 4. Current vs. Temperature, FRF =
433.92 / 868.35 MHz, FSK, SR = 1 ksps
-107.0
Sensitivity vs. Supply Voltage
-108
Sensitivity vs. Temperature
-108.0
-109
-109.0
-110.0
-111.0
868.35 MHz
433.92 MHz
-110
-111
-112.0
-113.0
-114.0
-112
-113
868.35 MHz
433.92 MHz
-115.0
1.6
1.9
2.2
2.5
2.8
3.1
3.4
3.7
4
Supply Voltage (V)
-114
-50
-30
-10
10
30
50
70
90
Temperature (℃)
Figure 5. Sensitivity vs. Supply Voltage, SR
= 1 ksps, OOK, BER = 0.1%
Figure 6. Sensitivity vs. Temperature, FRF = 433.92 /
868.35 MHz, FSK, VDD = 3.3 V, SR = 1 ksps, BER = 0.1%
-90
Sensitivity vs. Symbol Rate
-108
Sensitivity vs. BER
-95
-109
-100
-105
-110
868.35 MHz
433.92 MHz
-110
-111
-112
-113
-115
-120
0
5
10
15
20
25
30
35
40
-114
-115
868.35 MHz
433.92 MHz
Symbol Rate (ksps)
0.01%
0.10%
1.00%
10.00%
Bit Error Rate
Figure 7. Sensitivity vs. SR, FRF = 433.92 /
868.35 MHz, OOK, VDD = 3.3 V, BER = 0.1%
Figure 8. Sensitivity vs. BER, FRF = 433.92 /
868.35 MHz, VDD = 3.3 V, SR = 1 ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com