Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 17Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 14/35
E-mail:sales@hoperf.com
Category
Parameters
Descriptions
Default
Mode
Falling Relative
TH
This is the relative threshold to shut down the (G)FSK
demodulation. It is measured in terms of RSSI code. The
range is from 0 to 255.
255
Advanced
AFC
Turn on/off the Automatic Frequency Control function.
The options are: On or Off.
On
Advanced
Decode
Settings
Data Mode
The data acquisition mode, the options are: Direct, Buffer
or Packet.
Packet
Basic
Advanced
Packet Type
The device can support two packet types. The options
are: Fixed length or Variable length.
Fixed Length
Basic
Advanced
FIFO Threshold
This defines the FIFO threshold that once it is reached,
an interrupt is generated to notify the external MCU. The
range is from 1 to 32, in terms of the FIFO address.
32
Basic
Advanced
De-Whitening
Seed
This parameter is only available when DC-Free Data
Decode is not set to “None”. The initial seed for the data
de-whitening polynomial. The range is from 0 to 255.
NA
Basic
Advanced
DC-Free Decode
The options of DC-free data decoding are None,
Manchester 1 (01=one, 10=zero), Manchester 2 (10=
one, 01=zero), or Data De-whitening.
None
Basic
Advanced
Preamble
The size of the valid preamble, the options are: None,
1-byte, 2-byte, 3-byte, or 4-byte.
2-byte
Basic
Advanced
Sync Size
The size of the Sync Word, the options are: None, 1-byte,
2-byte, 3-byte, or 4-byte. This option cannot be set to
“None” in buffer mode.
3-byte
Basic
Advanced
Sync Value
This parameter is only available when Sync Size is not
set to “None”. It defines the value of the Sync Word, the
range is from 0 to 2
N-1, where N is determined by Sync
Size. For example, if Sync Size is 1-byte, N is 8; if Sync
Size is 2-byte, N is 16, etc.
0
Basic
Advanced
Sync Tolerance
The number of bits tolerated for the Sync Word
recognition. The options are: None, 1 Error, 2 Errors or 3
Errors.
None
Basic
Advanced
Node ID Options
The options for the Node ID detection are: None, Detect
Node ID, Detect Node ID and 0x00, or Detect Node ID,
0x00 and 0xFF
None
Basic
Advanced
Node ID Value
This parameter is only available when the Node ID
Options is not set to “None”. It defines the value of the
Node ID. The range is from 0 to 255.
NA
Basic
Advanced
Data Length
This defines the number of bytes of data in a fixed length
packet. The range is from 0 to 32.
32
Basic
Advanced
CRC Options
The options for the CRC are: None, CCITT or IBM.
None
Basic
Advanced
CRC Seed
This parameter is only available when CRC Options is not
set to “None”. It defines the initial seed for the CRC
polynomial. The range is from 0 to 65535.
NA
Basic
Advanced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com