Electronic Components Datasheet Search
  English  ▼

X  

RFM219SW Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 27Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 28Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 29Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 30Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 31Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 32Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 33Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 34Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 31/35
E-mail:sales@hoperf.com
Table 23. RSSI
Register
Bit
RW
Bit Name
Descriptions
RSSI
(0x45)
7:0
r
RSSI_VALUE<7:0>
The value immediately reflects the real time Radio Signal Strength
Indicator (RSSI) when the chip is working in the RX state. The value is
low-pass filtered by the chip before it is read out. Thus any
high-frequency noise in the RSSI cannot be seen by the user. The RSSI
of any signal that is weaker than the “Squelch Threshold” will be
masked, i.e. the RSSI value is read as 0.
Table 24. FUNC_EN
Register
Bit
RW
Bit Name
Descriptions
7
r/w
RESV
Always set it to 0.
During manufacturing stage, a few steps are required to perform to enter
the test mode. Stopping the running sleep timer is one of those steps
6
r/w
SLTIMER_STOP
(see Chapter Manufacturing Test for details).
0: Do not disturb the sleep timer (default).
1: Stop the sleep timer.
During manufacturing stage, a few steps are required to perform to enter
the test mode. Setting this bit to 1 is one of those steps (see Chapter
5
r/w
PROD_TEST_EN
Manufacturing Test for details).
FUNC_EN
(0x46)
0: Disable the manufacturing test mode (default).
1: Enable the manufacturing test mode.
4
r/w
RESV
Always set it to 0.
3
r/w
RESV
Always set it to 0.
To minimize the power consumption the maximum SPI clock speed is
400 kHz. The user can used this bit to allow up to 1MHz SPI speed
2
r/w
HS_SPI_EN
supported.
0: Support maximum SPI clock speed of 400 kHz (default).
1: Support maximum SPI clock speed of 1 MHz.
1
r/w
RESV
Always set it to 0.
0
r/w
RESV
Always set it to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com