Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 2Page - ON Semiconductor KAI-4021 Datasheet HTML 3Page - ON Semiconductor KAI-4021 Datasheet HTML 4Page - ON Semiconductor KAI-4021 Datasheet HTML 5Page - ON Semiconductor KAI-4021 Datasheet HTML 6Page - ON Semiconductor KAI-4021 Datasheet HTML 7Page - ON Semiconductor KAI-4021 Datasheet HTML 8Page - ON Semiconductor KAI-4021 Datasheet HTML 9Page - ON Semiconductor KAI-4021 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 6
Summary Specification
KAI-4021 Image Sensor
DESCRIPTION
The KAI-4021 Image Sensor is a high-performance 4-
million pixel sensor designed for a wide range of medical,
scientific and machine vision applications. The 7.4 μm
square pixels with microlenses provide high sensitivity
and the large full well capacity results in high dynamic
range. The two high-speed outputs and binning
capabilities allow for 16-50 frames per second (fps) video
rate for the progressively scanned images. The vertical
overflow
drain
structure
provides
antiblooming
protection and enables electronic shuttering for precise
exposure control. Other features include low dark
current, negligible lag and low smear.
FEATURES
High resolution
High sensitivity
High dynamic range
Low noise architecture
High frame rate
Binning capability for higher frame rate
Electronic shutter
APPLICATIONS
Intelligent Transportation Systems
Machine Vision
Scientific
Parameter
Value
Architecture
Interline CCD;
Progressive Scan
Total Number of Pixels
2112 (H) x 2072 (V) =
approx. 4.38M
Number of Effective Pixels
2056 (H) x 2062 (V) =
approx. 4.24M
Number of Active Pixels
2048 (H) x 2048 (V) =
approx. 4.19M
Number of Outputs
1 or 2
Pixel Size
7.4 μm (H) x 7.4 μm (V)
Imager Size
21.43mm (diagonal)
Chip Size
16.67mm (H) x 16.05mm (V)
Aspect Ratio
1:1
Saturation Signal
40,000 e
-
Peak Quantum Efficiency
KAI-4021-ABA
KAI-4021-CBA (BRG)
55%
45%, 42%, 35%
Output Sensitivity
31 μV/e
-
Total System Noise (at 40MHZ)
25 e
-
Total System Noise (at 20MHz)
12 e
-
Dark Current
< 0.5 nA/cm
2
Dark Current Doubling Temperature
7 °C
Dynamic Range
60 dB
Charge Transfer Efficiency
> 0.99999
Blooming Suppression
300X
Smear
80 dB
Image Lag
<10 e
-
Maximum Data Rate
40 MHz
All parameters above are specified at T = 40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com