Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 18 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 14Page - ON Semiconductor KAI-4021 Datasheet HTML 15Page - ON Semiconductor KAI-4021 Datasheet HTML 16Page - ON Semiconductor KAI-4021 Datasheet HTML 17Page - ON Semiconductor KAI-4021 Datasheet HTML 18Page - ON Semiconductor KAI-4021 Datasheet HTML 19Page - ON Semiconductor KAI-4021 Datasheet HTML 20Page - ON Semiconductor KAI-4021 Datasheet HTML 21Page - ON Semiconductor KAI-4021 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 18
KAI-4021-ABA Configuration
Description
Symbol
Min.
Nom.
Max.
Units
Sampling
Plan
Temperature
Tested At
(°C)
Notes
Peak Quantum Efficiency
QEmax
45
55
n/a
%
Design
Peak Quantum Efficiency
Wavelength
λQE
XXX
500
n/a
nm
Design
KAI-4021-CBA-Configuration
Description
Symbol
Min.
Nom.
Max.
Units
Samp-
ling Plan
Tempera-ture
Tested At
(°C)
Notes
Peak
Blue
Quantum
Green
Efficiency
Red
QEmax
45
42
35
n/a
n/a
n/a
%
Design
Peak
Blue
Quantum
Green
Efficiency
Red
Wavelength
λQE
470
540
620
n/a
n/a
n/a
nm
Design
n/a: not applicable
Notes:
1.
Per color.
2.
Value is over the range of 10% to 90% of photodiode saturation.
3.
Value is for the sensor operated without binning
4.
Includes system electronics noise, dark pattern noise and dark current shot noise at 20 MHz.
5.
Includes system electronics noise, dark pattern noise and dark current shot noise at 40 MHz.
6.
Uses 20LOG(PNe/ ne-T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com