Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 11 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 7Page - ON Semiconductor KAI-4021 Datasheet HTML 8Page - ON Semiconductor KAI-4021 Datasheet HTML 9Page - ON Semiconductor KAI-4021 Datasheet HTML 10Page - ON Semiconductor KAI-4021 Datasheet HTML 11Page - ON Semiconductor KAI-4021 Datasheet HTML 12Page - ON Semiconductor KAI-4021 Datasheet HTML 13Page - ON Semiconductor KAI-4021 Datasheet HTML 14Page - ON Semiconductor KAI-4021 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 11
HORIZONTAL REGISTER TO FLOATING DIFFUSION
Figure 4: Horizontal Register to Floating Diffusion Architecture
The HCCD has a total of 2124 pixels. The 2112 vertical shift registers (columns) are shifted into the center 2112 pixels
of the HCCD. There are 12 pixels at both ends of the HCCD, which receive no charge from a vertical shift register. The
first 12 clock cycles of the HCCD will be empty pixels (containing no electrons). The next 28 clock cycles will contain
only electrons generated by dark current in the VCCD and photodiodes. The next 2056 clock cycles will contain photo-
electrons (image data). Finally, the last 28 clock cycles will contain only electrons generated by dark current in the
VCCD and photodiodes. Of the 28 dark columns, the first and last dark columns should not be used for determining the
zero signal level. Some light does leak into the first and last dark columns. Only use the center 26 columns of the 28
column dark reference.
When the HCCD is shifting valid image data, the timing inputs to the electronic shutter (SUB), VCCD (V1, V2), and fast
line dump (FD) should be not be pulsed. This prevents unwanted noise from being introduced. The HCCD is a type of
charge coupled device known as a pseudo-two phase CCD. This type of CCD has the ability to shift charge in two
directions. This allows the entire image to be shifted out to the video L output, or to the video R output (left/right
image reversal). The HCCD is split into two equal halves of 1068 pixels each. When operating the sensor in single
output mode the two halves of the HCCD are shifted in the same direction. When operating the sensor in dual output
mode the two halves of the HCCD are shifted in opposite directions. The direction of charge transfer in each half is
controlled by the H1BL, H2BL, H1BR, and H2BR timing inputs.
n+
R
OG
H2S
H1S
H1B
H2S
H2B
H1S
n-
n-
n-
RD
Floating
Diffusion
n (burried channel)
n
n+
p (GND)
n (SUB)
H2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com