Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 10 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 6Page - ON Semiconductor KAI-4021 Datasheet HTML 7Page - ON Semiconductor KAI-4021 Datasheet HTML 8Page - ON Semiconductor KAI-4021 Datasheet HTML 9Page - ON Semiconductor KAI-4021 Datasheet HTML 10Page - ON Semiconductor KAI-4021 Datasheet HTML 11Page - ON Semiconductor KAI-4021 Datasheet HTML 12Page - ON Semiconductor KAI-4021 Datasheet HTML 13Page - ON Semiconductor KAI-4021 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 10
VERTICAL TO HORIZONTAL TRANSFER
Figure 3: Vertical to Horizontal Transfer Architecture
When the V1 and V2 timing inputs are pulsed, charge in every pixel of the VCCD is shifted one row towards the HCCD.
The last row next to the HCCD is shifted into the HCCD. When the VCCD is shifted, the timing signals to the HCCD must
be stopped. H1 must be stopped in the high state and H2 must be stopped in the low state. The HCCD clocking may
begin THD µs after the falling edge of the V1 and V2 pulse.
Charge is transferred from the last vertical CCD phase into the H1S horizontal CCD phase. Refer to Figure 35 for an
example of timing that accomplishes the vertical to horizontal transfer of charge.
If the fast line dump is held at the high level (FDH) during a vertical to horizontal transfer, then the entire line is
removed and not transferred into the horizontal register.
Top View
Direction of
Vertical
Charge
Transfer
V1
V2
V1
Photo
diode
V2
Transfer
Gate
Fast
Line
Dump
H1S
H2
S
H
1
B
H
2
B
Direction of
Horizontal
Charge Transfer
Lightshield
not shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com