Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 30 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 26Page - ON Semiconductor KAI-4021 Datasheet HTML 27Page - ON Semiconductor KAI-4021 Datasheet HTML 28Page - ON Semiconductor KAI-4021 Datasheet HTML 29Page - ON Semiconductor KAI-4021 Datasheet HTML 30Page - ON Semiconductor KAI-4021 Datasheet HTML 31Page - ON Semiconductor KAI-4021 Datasheet HTML 32Page - ON Semiconductor KAI-4021 Datasheet HTML 33Page - ON Semiconductor KAI-4021 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 30
TIMING REQUIREMENTS
Description
Symbol
Minimum
Nominal
Maximum
Units
Notes
HCCD Delay
THD
1.3
1.5
10.0
μs
VCCD Transfer time
TVCCD
1.3
1.5
20.0
μs
Photodiode Transfer time
TV3rd
3.0
5.0
15.0
μs
VCCD Pedestal time
T3P
50.0
60.0
80.0
μs
VCCD Delay
T3D
10.0
20.0
80.0
μs
Reset Pulse time
TR
2.5
5.0
ns
Shutter Pulse time
TS
3.0
4.0
10.0
μs
Shutter Pulse delay
TSD
1.0
1.5
10.0
μs
HCCD Clock Period
TH
25.0
50.0
200.0
ns
1
VCCD rise/fall time
TVR
0.0
0.1
1.0
μs
Fast Dump Gate delay
TFD
0.5
μs
Vertical Clock Edge Alignment
TVE
0.0
100.0
ns
Notes:
1.
For operation at the minimum HCCD clock period (40 MHz), the substrate voltage will need to be raised to limit the signal
at the output to 20,000 electrons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com