Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 23 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 19Page - ON Semiconductor KAI-4021 Datasheet HTML 20Page - ON Semiconductor KAI-4021 Datasheet HTML 21Page - ON Semiconductor KAI-4021 Datasheet HTML 22Page - ON Semiconductor KAI-4021 Datasheet HTML 23Page - ON Semiconductor KAI-4021 Datasheet HTML 24Page - ON Semiconductor KAI-4021 Datasheet HTML 25Page - ON Semiconductor KAI-4021 Datasheet HTML 26Page - ON Semiconductor KAI-4021 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 23
Defect Definitions
Description
Definition
Maximum
Temperature(s) tested
at (°C)
Notes
Major dark field
defective pixel
Defect ≥148 mV
40
27, 40
1
Major bright field
defective pixel
Defect ≥ 10%
1
Minor dark field
defective pixel
Defect ≥ 76 mV
400
27, 40
Dead pixel
Defect ≥ 80%
5
27, 40
1
Saturated pixel
Defect ≥ 340 mV
10
27, 40
1
Cluster defect
A group of 2 to 10 contiguous major defective
pixels, but no more than 2 adjacent defects
horizontally
8
27, 40
1
Column defect
A group of more than 10 contiguous major
defective pixels along a single column
0
27, 40
1
Notes:
1.
There will be at least two non-defective pixels separating any two major defective pixels.
DEFECT MAP
The defect map supplied with each sensor is based upon testing at an ambient (27 °C) temperature. Minor point
defects are not included in the defect map. All defective pixels are reference to pixel 1, 1 in the defect maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com