Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 33 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 29Page - ON Semiconductor KAI-4021 Datasheet HTML 30Page - ON Semiconductor KAI-4021 Datasheet HTML 31Page - ON Semiconductor KAI-4021 Datasheet HTML 32Page - ON Semiconductor KAI-4021 Datasheet HTML 33Page - ON Semiconductor KAI-4021 Datasheet HTML 34Page - ON Semiconductor KAI-4021 Datasheet HTML 35Page - ON Semiconductor KAI-4021 Datasheet HTML 36Page - ON Semiconductor KAI-4021 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 33
Non-Summed Interlaced Scan
Figure 23: Non- Summed Interlaced Scan Operation
In the non-summed interlaced scan mode only half the photodiode are read out in each field. In the even field rows 0,
2, 4, … are transferred to the VCCD. In the odd field rows 1, 3, 5, … are transferred to the VCCD. When the charge
packet is transferred from a photodiode is occupies the equivalent of two rows in progressive scan mode. This allows
the VCCD to hold twice as much charge a progressive scan mode. However, since only one photodiode for each row is
transferred to the VCCD the maximum usable signal is still only 40,000 electrons. The large extra capacity of the VCCD
causes the anti-blooming protection to be increased dramatically compared to the progressive scan. The vertical MTF is
the same between the non-summed interlaced scan and progressive scan. There will be motion related artifacts in the
images read out in the interlaced modes because the two fields are acquired at different times.
Figure 24: Non- Summed Interlaced Scan Flow Chart
0
1
2
3
5
4
7
6
0
1
2
3
5
4
7
6
odd field
even field
Non-Summed
Interlaced Even
Frame
Timing
Interlaced Line
Timing
Repeat for
1037 Lines
Non-Summed
Interlaced Odd
Frame
Timing
Interlaced Line
Timing
Repeat for
1037 Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com