Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 29 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 25Page - ON Semiconductor KAI-4021 Datasheet HTML 26Page - ON Semiconductor KAI-4021 Datasheet HTML 27Page - ON Semiconductor KAI-4021 Datasheet HTML 28Page - ON Semiconductor KAI-4021 Datasheet HTML 29Page - ON Semiconductor KAI-4021 Datasheet HTML 30Page - ON Semiconductor KAI-4021 Datasheet HTML 31Page - ON Semiconductor KAI-4021 Datasheet HTML 32Page - ON Semiconductor KAI-4021 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 29
AC OPERATING CONDITIONS
Clock Levels
Description
Symbol
Minimum
Nominal
Maximum
Units
Notes
Vertical CCD Clock High
V2H
8.5
9.0
9.5
V
Vertical CCD Clocks Midlevel
V1M, V2M
-0.5
0.0
0.2
V
Vertical CCD Clocks Low
V1L, V2L
-9.5
-9.0
-8.5
V
Horizontal CCD Clocks High
H1H, H2H
0.0
0.5
1.0
V
Horizontal CCD Clocks Low
H1L, H2L
-5.0
-4.5
-4.0
V
Reset Clock Amplitude
RH
5.0
V
1
Reset Clock Low
RL
-3.5
-3.0
-2.5
V
Electronic Shutter Voltage
Vshutter
44
48
52
V
2
Fast Dump High
FDH
4
5
5
V
Fast Dump Low
FDL
-9.5
-9
-8
V
Notes:
1.
Reset amplitude must be set to 7.0 V for 40,000 – 80,000 electrons output in summed interlaced or binning modes.
2.
Refer to Application Note Using Interline CCD Image Sensors in High Intensity Visible Lighting Conditions.
Clock Line Capacitances
Figure 18: Clock Line Capacitances
V1E
V1O
V2O
V2E
GND
20nF
20nF
20nF
20nF
5nF
5nF
5nF
5nF
H1SL+H1BL
50pF
H2SL+H2BL
50pF
H1SR+H1BR
50pF
H2SR+H2BR
50pF
25pF
25pF
GND
GND
Reset
10pF
GND
SUB
4nF
GND
FD
40pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com