Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 22 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 18Page - ON Semiconductor KAI-4021 Datasheet HTML 19Page - ON Semiconductor KAI-4021 Datasheet HTML 20Page - ON Semiconductor KAI-4021 Datasheet HTML 21Page - ON Semiconductor KAI-4021 Datasheet HTML 22Page - ON Semiconductor KAI-4021 Datasheet HTML 23Page - ON Semiconductor KAI-4021 Datasheet HTML 24Page - ON Semiconductor KAI-4021 Datasheet HTML 25Page - ON Semiconductor KAI-4021 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 22
POWER - ESTIMATED
Figure 14: Power
FRAME RATES
Figure 15: Frame Rates
Right Output Disabled
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
Horizontal Clock Frequency (MHz)
Output Pow er One Output(mW)
Horizonatl Pow er (mW)
Vertical Pow er (mW)
Total Pow er One Output (mW)
0
5
10
15
20
25
30
10
15
20
25
30
35
40
Pixel Clock (MHz)
Single output
Dual output or
Single 2x2 binning
Dual 2x2 binning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com