Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 8 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 4Page - ON Semiconductor KAI-4021 Datasheet HTML 5Page - ON Semiconductor KAI-4021 Datasheet HTML 6Page - ON Semiconductor KAI-4021 Datasheet HTML 7Page - ON Semiconductor KAI-4021 Datasheet HTML 8Page - ON Semiconductor KAI-4021 Datasheet HTML 9Page - ON Semiconductor KAI-4021 Datasheet HTML 10Page - ON Semiconductor KAI-4021 Datasheet HTML 11Page - ON Semiconductor KAI-4021 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 8
Device Description
ARCHITECTURE
Figure 1: Block Diagram
There are 10 light shielded rows followed 2062 photoactive rows. The first 6 and the last 8 photoactive rows are buffer
rows giving a total of 2048 lines of image data.
In the single output mode all pixels are clocked out of the Video L output in the lower left corner of the sensor. The
first 12 empty pixels of each line do not receive charge from the vertical shift register. The next 28 pixels receive
charge from the left light-shielded edge followed by 2056 photo-sensitive pixels and finally 28 more light shielded
pixels from the right edge of the sensor. The first and last 4 photosensitive pixels are buffer pixels giving a total of
2048 pixels of image data.
In the dual output mode the clocking of the right half of the horizontal CCD is reversed. The left half of the image is
clocked out Video L and the right half of the image is clocked out Video R. Each row consists of 12 empty pixels
followed by 28 light shielded pixels followed by 1028 photosensitive pixels. When reconstructing the image, data from
Video R will have to be reversed in a line buffer and appended to the Video L data.
There are no dark reference rows at the top and 10 dark rows at the bottom of the image sensor. The 10 dark rows are
not entirely dark and so should not be used for a dark reference level. Use the 28 dark columns on the left or right side
of the image sensor as a dark reference.
Of the 28 dark columns, the first and last dark columns should not be used for determining the zero signal level. Some
light does leak into the first and last dark columns. Only use the center 26 columns of the 28 column dark reference.
2048 (H) x 2048 (H)
Active Pixels
6 Buffer Rows
10 Dark Rows
8 Buffer Rows
Pixel
1,1
Dual
Output
or
Video L
Video R
12
28
4
2048
4
28
12
Single
12
28
4
1024
1024
4
28
12
G
G
R
B
G
G
R
B
G
G
R
B
G
G
R
B
G
G
R
B
G
G
R
B
G
G
R
B
G
G
R
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com