Electronic Components Datasheet Search
  English  ▼

X  

KAI-4021 Datasheet(PDF) 27 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 23Page - ON Semiconductor KAI-4021 Datasheet HTML 24Page - ON Semiconductor KAI-4021 Datasheet HTML 25Page - ON Semiconductor KAI-4021 Datasheet HTML 26Page - ON Semiconductor KAI-4021 Datasheet HTML 27Page - ON Semiconductor KAI-4021 Datasheet HTML 28Page - ON Semiconductor KAI-4021 Datasheet HTML 29Page - ON Semiconductor KAI-4021 Datasheet HTML 30Page - ON Semiconductor KAI-4021 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 27
Operation
MAXIMUM RATINGS
Absolute maximum rating is defined as a level or condition that should not be exceeded at any time per the
description. If the level or the condition is exceeded, the device will be degraded and may be damaged.
Description
Symbol
Minimum
Maximum
Units
Notes
Operating Temperature
T
-50
70
°C
1
Humidity
RH
5
90
%
2
Output Bias Current
Iout
0.0
10
mA
3
Off-chip Load
CL
10
pF
4
Notes:
1.
Noise performance will degrade at higher temperatures.
2.
T=25 ºC. Excessive humidity will degrade MTTF.
3.
Each output. See Figure 17: Output Amplifier. Note that the current bias affects the amplifier bandwidth.
4.
With total output load capacitance of CL = 10pF between the outputs and AC ground.
5.
Absolute maximum rating is defined as a level or condition that should not be exceeded at any time per the description. If
the level or the condition is exceeded, the device will be degraded and may be damaged.
MAXIMUM VOLTAGE RATINGS BETWEEN PINS
Description
Minimum
Maximum
Units
Notes
RL, RR, H1S, H2S, H1BL, H2BL, H1BR, H2BR, OGR, OGL to
ESD
0
17
V
Pin to Pin with ESD Protection
-17
17
V
1
VDDL, VDDR to GND
0
25
V
Notes:
1.
Pins with ESD protection are: RL, RR, H1S, H2S, H1BL, H2BL, H1BR, H2BR, OGL, and OGR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com