Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 6Page - Mitel Networks Corporation MH89770 Datasheet HTML 7Page - Mitel Networks Corporation MH89770 Datasheet HTML 8Page - Mitel Networks Corporation MH89770 Datasheet HTML 9Page - Mitel Networks Corporation MH89770 Datasheet HTML 10Page - Mitel Networks Corporation MH89770 Datasheet HTML 11Page - Mitel Networks Corporation MH89770 Datasheet HTML 12Page - Mitel Networks Corporation MH89770 Datasheet HTML 13Page - Mitel Networks Corporation MH89770 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
4-134
MH89770
Preliminary Information
.
Table 8. Master Status Word 1 (Channel 15, CSTo)
Table 9. Master Status Word 2 (Channel 31, CSTo)
Table 10. Phase Status Word (Channel 3, CSTo)
Bit
Name
Description
7
YLALR
Yellow Alarm Indication. This bit is set when the chip is receiving a 0 in bit position 2
of every DS0 channel.
6MIMIC
This bit is set if the frame search algorithm found more than one possible frame
candidate when it went into frame synchronization.
5
ERR
Terminal Framing Bit Error. The state of this bit changes every time the chip detects
4 errors in the FT or FPS bit pattern. The bit will not change state more than once every
96ms.
4
ESFYLW
ESF Yellow Alarm. This bit is set when the device has observed a sequence of eight
one’s and eight 0’s in the FDL bit positions.
3MFSYNC
Multiframe Synchronization. This bit is cleared when D3/D4 multiframe
synchronization has been achieved. Applicable only in D3/D4 and SLC-96 modes of
operation.
2
BPV
Bipolar Violation Count. The state of this bit changes every time the device counts
256 bipolar violations.
1
SLIP
Slip Indication. This bit changes state every time the elastic buffer in the device
performs a controlled slip.
0
SYN
Synchronization. This bit is set when the device has not achieved synchronization.
The bit is clear when the device has synchronized to the received DS1 data stream.
Bit
Name
Description
7
BlAlm
Blue Alarm. This bit is set if the receiver has detected two frames of 1’s and an out of
frame condition. It is reset by any 250 microsecond interval that contains a zero.
6
FrCnt
Frame Count. This is the ninth and most significant bit of the “Phase Status Word”
(see Table 10). If the phase status word is incrementing, this bit will toggle when the
phase reading exceeds channel 31, bit 7. If the phase word is decrementing, then this
bit will toggle when the reading goes below channel 0, bit 0.
5
XSt
External Status. This bit reflects the state of the external status pin (XSt). The state of
the XSt pin is sampled once per frame.
4-3
BPVCnt
Bipolar Violation Count. These two bits change state every 128 and every 64 bipolar
violations, respectively.
2-0
CRCCNT
CRC Error Count. These three bits count received CRC errors. The counter will reset
to zero when it reaches terminal count. Valid only in ESF mode.
Bit
Name
Description
7-3
ChannelCnt
Channel Count. These five bits indicate the ST-BUS channel count between the
ST-BUS frame pulse and the rising edge of E8Ko.
2-0
BitCnt
Bit Count. These three bits provide one bit resolution within the channel count
described above.
information in every 6th DS1 frame this information
must be input every ST-BUS frame.
Robbed bit signalling can be disabled for all
channels on the DS1 link by bit 1 of Master Control
Word 1. It can also be disabled on a per channel
basis by bit 0 in the Per Channel Control Word 1.
Operating Status Information
Status Information regarding the operation of the
device is output serially via the Control ST-BUS
output (CSTo). The CSTo serial stream contains
Master Status Words 1 and 2, 24 Per Channel Status
Words, and a Phase Status Word. The Master Status
Words contain all of the information needed to
determine the state of the interface and how well it is
operating. The information provided includes frame
and
super
frame
synchronization,
slip,
bipolar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com