Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 32 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 32 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 28Page - Mitel Networks Corporation MH89770 Datasheet HTML 29Page - Mitel Networks Corporation MH89770 Datasheet HTML 30Page - Mitel Networks Corporation MH89770 Datasheet HTML 31Page - Mitel Networks Corporation MH89770 Datasheet HTML 32Page - Mitel Networks Corporation MH89770 Datasheet HTML 33Page - Mitel Networks Corporation MH89770 Datasheet HTML 34Page - Mitel Networks Corporation MH89770 Datasheet HTML 35Page - Mitel Networks Corporation MH89770 Datasheet HTML 36Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
4-156
MH89770
Preliminary Information
† Timing is over recommended temperature & power supply voltage ranges.
‡ Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing
.
Figure 28 - Clock & Frame Alignment for RxFDL and TxFDL
Figure 29 - Facility Data Link Timing
AC Electrical Characteristics† - DS1 Link Timing (Figure 28 & 29)
Parameters
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Transmit FDL Setup Time
tDLS
110
ns
2
Transmit FDL Hold Time
tDLH
70
ns
3
Receive FDL Output Delay
tDLOD
0
ns
50pF Load
4
Facility Data Link Clock Delay
tFCD
135
ns
50pF Load
Frame 12/24
Frame 1
Frame 2
F0i
C2i
RxFDLClk
RxFDL
TxFDLClk
TxFDL
VOH
VOL
VIH
VIL
tFCD
tDLOD
tDLS
tDLH
C2i
TxFDLClk
or
RxFDLClk
RxFDL
TxFDL
VOH
VOL
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com