Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 23 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 23 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 19Page - Mitel Networks Corporation MH89770 Datasheet HTML 20Page - Mitel Networks Corporation MH89770 Datasheet HTML 21Page - Mitel Networks Corporation MH89770 Datasheet HTML 22Page - Mitel Networks Corporation MH89770 Datasheet HTML 23Page - Mitel Networks Corporation MH89770 Datasheet HTML 24Page - Mitel Networks Corporation MH89770 Datasheet HTML 25Page - Mitel Networks Corporation MH89770 Datasheet HTML 26Page - Mitel Networks Corporation MH89770 Datasheet HTML 27Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
4-147
Preliminary Information
MH89770
Figure 16 - Digital Multiplex Interface (DMI)
Asynchronous
Interface
Protocol Converter
Switch Matrix
T1 Interface
R
S
2
3
2
ACIA
A0-A7
D0-D7
A0-A7
A0-A7
D0-D7
D0-D7
ACIA
ACIA
Micro
68008
MT8952
MT8952
MT8952
D0-D7
D0-D7
D0-D7
A0-A7
A0-A7
A0-A7
MT8941
STo3
STi2
STo2
STi1
STo1
C4i
F0i
STo0
STi0
F0i
F0i
C4i
C2i
C2i
C1.5i
C1.5i
OUTA
OUTB
RxT
RxR
E8Ko
CSTi1
CSTo
CSTi0
DSTo
DSTi
izer
Equal-
CVb
C12i
F0i
C4b
F0b
C20
C8Kb
DPLL #1
DPLL #2
12.352
MHz
Osc.
MHz
Osc.
16.384
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
R
S
2
3
2
R
S
2
3
2
MT8980
MH89770
The control block only interfaces with the switch
matrix. Besides routing channels and signalling
through to the proper destination, the switch matrix
must also supply the Master Control Words, and
monitor the Master Status Words for each MH89770.
The clock generation block supplies the ST-BUS
clocks
and
the
T1
transmit
clocks
that
are
synchronized to one of the T1 trunks. All of the
extracted 8 kHz outputs are NANDed together before
they are input to PLL #2 of the MT8941.
Phase-locked Loop #2 of the MT8941, will generate
ST-BUS clock signals for the MH89770s and the
MT8980s that are synchronized with the chosen T1
line. The E8Ko of all of the other MH89770s can be
tristated from the Master Control Word, which allows
the system controller to select any one of 128 T1
lines to act as the synchronization source. By
connecting the frame pulse output, F0o, of PLL #2 to
F0i of PLL # 1, the MT8941 will generate the T1
transmit clock that is phase-locked to F0o, which in
turn is phase-locked to the master synchronization
signal, E8Ko. If all of the T1 trunks are from the
network any short term differences in the received
data rate will be absorbed by the elastic buffer in the
MH89770.
6. Digital Multiplex Interface (DMI)
Figure 16 illustrates an implementation of the Digital
Multiplex Interface (DMI) specification, which defines
a computer to PBX interface. This interface can
convert 300 baud to 64 kbaud asynchronous or
synchronous data channels to T1 format with clear
channel capabilities and common channel signalling.
Figure 16 is broken down into four functional blocks
which are the asynchronous interface (ACIAs), the
protocol converter (micro and MT8952s), the switch
matrix (MT8980), and the T1 interface (MH89770).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com