Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MH89770 Datasheet HTML 1Page - Mitel Networks Corporation MH89770 Datasheet HTML 2Page - Mitel Networks Corporation MH89770 Datasheet HTML 3Page - Mitel Networks Corporation MH89770 Datasheet HTML 4Page - Mitel Networks Corporation MH89770 Datasheet HTML 5Page - Mitel Networks Corporation MH89770 Datasheet HTML 6Page - Mitel Networks Corporation MH89770 Datasheet HTML 7Page - Mitel Networks Corporation MH89770 Datasheet HTML 8Page - Mitel Networks Corporation MH89770 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
4-127
Preliminary Information
MH89770
17
DSTi
Data ST-BUS Input: This pin accepts a 2048 kbit/s serial stream which contains the 24
PCM or data channels to be transmitted on the T1 trunk.
18
C2i
2.048 MHz System Clock (Input): This is the master clock for the ST-BUS section of
the chip. All data on the ST-BUS is clocked in on the falling edge of C2i and out on the
rising edge.
19
E1.5o
1.544 MHz Extracted Clock (Output): Internally connected to Pin 3.
20
F0i
Frame Pulse Input: This is the frame synchronization signal which defines the
beginning of the 32 channel ST-BUS frame.
21
VSS
System ground.
22-24
NC
No Connection.
25
OUTA
Output A (Open Collector Output): This is the output of the DS1 transmitter circuit. It is
suitable for use with an external pulse transformer to generate the transmit bipolar line
signal.
26
TxSF
Transmit Superframe Pulse Input: A low pulse applied at this pin will determine the
start of the next transmit superframe as illustrated in Figure 20. The device will free run if
this pin is held high.
27
RxSF
Received Superframe Pulse Output: A pulse output on this pin indicates that the next
frame of data on the ST-BUS is from frame 1 of the received superframe. The period is
12 frames long in D3/D4 modes and 24 frames in ESF mode. Active only when device is
synchronized to received DS1 signal.
28
C1.5i
1.544 MHz Clock Input: The rising edge of this clock is used to output data on OUTA,
OUTB. C1.5i must be phase-locked to the C2i system clock.
29
OUTB
Output B (Open Collector Output): This is the output of the DS1 transmitter circuit. It is
suitable for use with an external pulse transformer to generate the transmit bipolar line
signal.
30
RxFDL
Received Facility Data Link (Output): A 4 kbit/s serial output stream that is
demultiplexed from the FDL bits in ESF mode, or the received F
S bit pattern when in
SLC96 mode. It is clocked out on the rising edge of RxFDLClk.
31
DSTo
Data ST-BUS Output: A 2048 kbit/s serial output stream which contains the 24 PCM or
data channels received from the DS1 line.
32
RxFDLClk
Receive Facility Data Link Clock Output: A 4 kHz clock used to output FDL
information on RxFDL. Data is clocked out on the rising edge of the clock.
33
VSS
No Connection.
34
TxFDLClk
Transmit Facility Data Link Clock Output: A 4 kHz clock used to input FDL
information on TxFDL. Data is clocked in on the rising edge of the clock.
35
NC
No Connection.
36
TxFDL
Transmit Facility Data Link (Input): A 4 kbit/s serial input stream that is muxed into the
FDL bits in the ESF mode, or the FS pattern when in SLC96 mode. It is clocked in on the
rising edge of TxFDLClk.
37
NC
No Connection.
38
LOS
Loss of Signal (Output): This pin goes high when 128 contiguous ZEROs are received
on the RxT and RxR inputs. When LOS is high, RxA and RxB are forced high. LOS is
reset when 48 ones are received in a two T1-frame period.
39
NC
No Connection.
40
NC
No Connection.
Pin Description (Continued)
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com