Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 36 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 36 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 28Page - Mitel Networks Corporation MH89770 Datasheet HTML 29Page - Mitel Networks Corporation MH89770 Datasheet HTML 30Page - Mitel Networks Corporation MH89770 Datasheet HTML 31Page - Mitel Networks Corporation MH89770 Datasheet HTML 32Page - Mitel Networks Corporation MH89770 Datasheet HTML 33Page - Mitel Networks Corporation MH89770 Datasheet HTML 34Page - Mitel Networks Corporation MH89770 Datasheet HTML 35Page - Mitel Networks Corporation MH89770 Datasheet HTML 36Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
4-160
MH89770
Preliminary Information
Appendix
Control and Status Register Summary
Master Control Word 1 (Channel 15, CSTi0)
Master Control Word 2 (Channel 31, CSTi0)
Per Channel Control Words (All Channels on CSTi0 Except Channels 3, 7, 11, 15, 19, 23, 27 and 31)
Per Channel Control Words (All Channels on CSTi1 Except Channels 3, 7, 11, 15, 19, 23, 27 & 31)
Master Status Word 1 (Channel 15, CSTo)
Master Status Word 2 (Channel 31, CSTo)
Phase Status Word (Channel 3, CSTo)
Per Channel Status Word (All Channels on CSTo Except Channels 3, 7, 11, 15, 19, 23, 27, 31)
Note 1:
In ESF mode:
1: CRC calc. ignored during Sync.
0: CRC checked for Sync.
In D3/D4 mode:
1: Sync. to first correct S-bit pattern.
0: Will not Sync. if Mimic detected.
7
6
543
2
1
0
Debounce
1 Disabled
0 Enabled
TSPZCS
1 Disabled
0 Enabled
B8ZS
1 B8ZS
0 Jammed
Bit
8KHSel
1 Disabled
0 Enabled
XCtI
1 Set High
0 Cleared
ESFYLW
1 Enabled
0 Disabled
Robbed Bit
1 Disabled
0 Enabled
YLALR
1 Enabled
0 Disabled
RMLOOP
1 Enabled
0 Disabled
DGLOOP
1 Enabled
0 Disabled
ALL1’s
1 Enabled
0 Disabled
ESF/D4
1 ESF
0 D3/D4
Reframe
Device
Reframes on
High to Low
Transition
SLC-96
1 Enabled
0 Disabled
CRC/MIMIC
See Note 1
Maint.
1 4/12
0 2/4
UNUSED - KEEP AT 0
Polarity
1 No Inversion
0 Inversion
Loop
1 Ch. looped
back
0 Normal
Data
1 Enabled
0 Disabled
UNUSED - KEEP AT 0
A
Txt. Sig. Bit
B
Txt. Sig. Bit
C
Txt. Sig. Bit
D
Txt. Sig. Bit
YLAIR
1 Detected
0 Normal
MIMIC
Detected
0Not
Detected
ERR
FT Error
Count
ESFYLW
1 Detected
0Not
Detected
MFSYNC
1 Not Detected
0 Detected
BPV
Bipolar
Violation
count
SLIP
Changes
State
when Slip
Performed
SYN
1 Out-of-Sync.
0 In-Sync
BlAlm
1 Detected
0 Not Detected
FrCnt
Frame
Count
XSt
1 Xst High
0 Xst Low
BIPOLAR VIOLATION COUNT
CRC-ERROR COUNT
CHANNEL COUNT
BIT COUNT
UNUSED
A
Rec’d. Sig. Bit
B
Rec’d. Sig. Bit
C
Rec’d. Sig. Bit
D
Rec’d. Sig. Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com