Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 12Page - Mitel Networks Corporation MH89770 Datasheet HTML 13Page - Mitel Networks Corporation MH89770 Datasheet HTML 14Page - Mitel Networks Corporation MH89770 Datasheet HTML 15Page - Mitel Networks Corporation MH89770 Datasheet HTML 16Page - Mitel Networks Corporation MH89770 Datasheet HTML 17Page - Mitel Networks Corporation MH89770 Datasheet HTML 18Page - Mitel Networks Corporation MH89770 Datasheet HTML 19Page - Mitel Networks Corporation MH89770 Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
4-140
MH89770
Preliminary Information
Figure 8 - Off-Line Framer State Diagram
Hunt Mode
False Candidate
False
Candidate
Forced
Reframe
Out of
Sync.
False
Candidate
Verify
Candidate
Candidate
CRC
Check
In sync
Candidate
*
Candidate
Valid Candidate
Maintenance
Resync
Receiver
Valid Candidate
New Frame Position
* Note: Only when in ESF mode and CRC
option is enabled.
Setting CRC/MIMIC bit high will force the framer to
synchronize to the first terminal framing pattern
detected. In standard D3/D4 applications, the user’s
system software should monitor the multiframe
synchronization state indicated by bit 3 in Master
Status Word 1. Failure of the device to achieve
multiframe synchronization within 4.5ms of terminal
frame synchronization, is an indication that the
device has framed up to a terminal framing pattern
mimic and should be forced to reframe.
One of the main features of the framer is that it
performs its function “off line”. That is, the framer
repositions the receive circuit only when it has
detected a valid frame position. When the framer
exits maintenance mode the receive counters remain
where they are until the framer has found a new
frame position. This means that if the user forces a
reframe when the device was really in the right
place, there will not be any disturbance in the circuit
because the framer has no effect on the receiver
until it has found synchronization.
The out of
synchronization criterion can be controlled by bit 0 in
Master Control Word 2. This bit changes the out of
frame conditions for the maintenance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com