Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 28 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 28 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 24Page - Mitel Networks Corporation MH89770 Datasheet HTML 25Page - Mitel Networks Corporation MH89770 Datasheet HTML 26Page - Mitel Networks Corporation MH89770 Datasheet HTML 27Page - Mitel Networks Corporation MH89770 Datasheet HTML 28Page - Mitel Networks Corporation MH89770 Datasheet HTML 29Page - Mitel Networks Corporation MH89770 Datasheet HTML 30Page - Mitel Networks Corporation MH89770 Datasheet HTML 31Page - Mitel Networks Corporation MH89770 Datasheet HTML 32Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
4-152
MH89770
Preliminary Information
NB: Frame Pulse is repeated every 125
µs in synchronization with the clock.
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 19 - Clock & Frame Alignment for ST-BUS Streams
Figure 20 - Clock & Frame Pulse Timing for ST-BUS Streams
AC Electrical Characteristics† - Clock Timing (Figure 19 & 20)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
C2i Clock Period
tp20
400
488
600
ns
2
C2i Clock Width High or Low
tW20
200
244
300
ns
tP20 = 488 ns
3
Frame Pulse Setup Time
tFPS
50
ns
4
Frame Pulse Hold Time
tFPH
50
ns
5
Frame Pulse Width
tFPW
50
ns
6
RxSF Output Delay
tFPOD
125
ns
50pF Load
7
TxSF Hold Time
tTxSFH
0.5
124.5
µs
8
TxSF Setup Time
tTxSFS
0.5
124.5
µs
F0i
RxSF
TxSF
C2i
ST-BUS
BIT CELLS
Frame 12/24
Frame 1
Frame 2
Bit
7
Bit
6
Bit
5
Bit
4
Bit
7
Bit
6
Bit
5
Bit
4
Bit
7
Bit
6
Bit
5
Bit
4
C2i
F0i
RxSF
F0i
C2i
TxSF
VIH
VIL
VIH
VIL
VOH
VOL
VIH
VIL
VIH
VIL
tP20
tW20
tFPS
tFPH
tFPS
tFPOD
tFPOD
tTxSFH
tTxSFS
Frame 12/24
Frame 1
tFPW
tW20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com