Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 29 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 29 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 25Page - Mitel Networks Corporation MH89770 Datasheet HTML 26Page - Mitel Networks Corporation MH89770 Datasheet HTML 27Page - Mitel Networks Corporation MH89770 Datasheet HTML 28Page - Mitel Networks Corporation MH89770 Datasheet HTML 29Page - Mitel Networks Corporation MH89770 Datasheet HTML 30Page - Mitel Networks Corporation MH89770 Datasheet HTML 31Page - Mitel Networks Corporation MH89770 Datasheet HTML 32Page - Mitel Networks Corporation MH89770 Datasheet HTML 33Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
4-153
Preliminary Information
MH89770
† Timing is over recommended temperature & power supply voltage ranges.
‡ Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Figure 21 - DS1 Receive Clock Timing
† Timing is over recommended temperature & power supply voltage ranges.
‡ Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing.
Figure 22 - ST-BUS Stream Timing
AC Electrical Characteristics† - Timing For DS1 Link Bit Cells (Figure 21)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
E1.50 Clock Period
tPEC
648
ns
2
E1.5o Clock Width High or Low
tWEC
324
ns
3
E1.5o Clock Rise Time
tREC
60
ns
4
E1.5o Clock Fall Time
tFEC
20
ns
AC Electrical Characteristics† - 2048 kbit/s ST-BUS Streams (Figure 22)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Serial Output Delay
tSOD
125
ns
150pF load
2
Serial Input Setup Time
tSIS
15
ns
3
Serial Input Hold Time
tSIH
50
ns
DS1 BIT CELLS FOR
RECEPTION
E1.5o
VOH
VOL
BIT CELL
BIT CELL
tR1EC
tW1EC
tP1EC
tR1EC
tW1EC
tSOD
tSIH
Bit Cell Boundaries
VIH
VIL
VOH
VOL
VIH
VIL
C2i
DSTo
or CSTo
DSTi,
CSTi0/CSTi1
tSIS
tSOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com