Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 30 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 30 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 26Page - Mitel Networks Corporation MH89770 Datasheet HTML 27Page - Mitel Networks Corporation MH89770 Datasheet HTML 28Page - Mitel Networks Corporation MH89770 Datasheet HTML 29Page - Mitel Networks Corporation MH89770 Datasheet HTML 30Page - Mitel Networks Corporation MH89770 Datasheet HTML 31Page - Mitel Networks Corporation MH89770 Datasheet HTML 32Page - Mitel Networks Corporation MH89770 Datasheet HTML 33Page - Mitel Networks Corporation MH89770 Datasheet HTML 34Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
4-154
MH89770
Preliminary Information
† Timing is over recommended temperature & power supply voltage ranges.
‡ Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing.
AC Electrical Characteristics† - XCTL, XSt, & E8Ko (Figure 23, 24, & 25)
Parameters
Sym
Min
Typ‡
Max
Units
Test Conditions
1
External Control Delay
tXCD
140
ns
2
External Status Setup Time
tXSS
100
ns
3
External Status Hold Time
tXSH
400
ns
4
8 kHz Output Delay
t8OD
150
ns
5
8 kHz Output Low Width
t8OL
78
µs
6
8 kHz Output High Width
t8OH
47
µs
7
8 kHz Rise Time
t8R
10
ns
8
8 kHz Fall Time
t8F
10
ns
Figure 23 - XCTL Timing
ST-BUS Bit Cell Boundary Between
Bit 0 Channel 15 and Bit 7 and Channel 16
C2i
XCtl
2.0V
0.8V
tXCD
2.4V
0.4V
Figure 24 - XST Timing
ST-BUS Bit Cell Boundary Between
Bit 2 Channel 30 and Bit 1 Channel 30
C2i
XSt
2.0V
0.8V
2.0V
0.8V
tXSH
tXSS
Figure 25 - E8Ko Timing
Received
DS1 Bits
E1.5o
E8Ko
VOH
VOL
VOH
VOL
Channel 2
Bit 1
Channel 17
Bit 2
Channel 2
Bit 1
• • •
• • •
t8OD
t8OD
t8OD
t8F
t8OL
t8R
t8OH
t8F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com