Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 18Page - Mitel Networks Corporation MH89770 Datasheet HTML 19Page - Mitel Networks Corporation MH89770 Datasheet HTML 20Page - Mitel Networks Corporation MH89770 Datasheet HTML 21Page - Mitel Networks Corporation MH89770 Datasheet HTML 22Page - Mitel Networks Corporation MH89770 Datasheet HTML 23Page - Mitel Networks Corporation MH89770 Datasheet HTML 24Page - Mitel Networks Corporation MH89770 Datasheet HTML 25Page - Mitel Networks Corporation MH89770 Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
4-146
MH89770
Preliminary Information
5. Digital Access Cross Connect System
(DACS)
The Digital Access Cross Connect System (DACS) is
a T1 switch with 127 T1 lines as input and output
plus one T1 line that is reserved for test and
maintenance purposes. A DACS is capable of
switching any input channel on any T1 trunk to any
output channel on any T1 trunk.
There are four main blocks in Figure 15, the T1
interfaces, the switch matrix, the control matrix, and
the clock generator. The digital trunk interface is
made up of the MH89770 plus the additional
components required to interface to the transmission
line. The MH89770 handles all of the required
transmit and receive data formatting, and converts
the 1.544 MHz serial stream into ST-BUS format so
that
it
can
be
routed
through
the
MT8980
synchronous switch matrix.
The switch matrix can be built so that the maximum
throughput delay is 1 frame +2 channels. The switch
matrix will not only route data channels to their
destination, but it will also route the received
signalling bits through to the destination channel.
This is necessary because the receiving MH89770
decodes
the
T1
stream,
and
the
transmitting
MH89770 has to reconstruct the outgoing T1 stream.
In other words, there is no multiframe integrity
between received data and transmitted data. The
total throughput delay is one frame plus ten ST-BUS
channels for the MH89770 receiver, 2.5 ST-BUS
channels for the MH89770 transmitter, and one
frame plus two ST-BUS channels for the switch
matrix for a total of 2.5 frames worst case.
Figure 15 - Digital Access Cross Connect System (DACS)
Switch
Matrix
M
I
C
R
O
Control
Matrix
MT8980
MT8980
MT8941
MH89770
MH89770
T1 Interfaces
Clock
Generator
izer
Equal-
izer
DSTi
DSTo
CSTi0
CSTo
CSTi1
C2i
F0i
C1.5i
OUTA
OUTB
RxT
RxR
E8Ko
DSTi
DSTo
CSTi0
CSTo
CSTi1
C2i
F0i
C1.5i
OUTA
OUTB
RxT
RxR
E8Ko
STi7
STo7
STi0
STo0
F0i
C4i
F0i
C4i
STi7
STo7
STi0
STo0
STo1
STo2
F0i
C4i
C2i
C1.5i
CVb
F0i
F0b
C4b
C20
DPLL #2
C12i
C16i
C8Kb
12.352
MHz Osc.
MHz Osc.
16.384
•
•
•
•
•
•
•
•
•
•
•
•
•
Equal-
DPLL #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com