Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 31 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 31 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 27Page - Mitel Networks Corporation MH89770 Datasheet HTML 28Page - Mitel Networks Corporation MH89770 Datasheet HTML 29Page - Mitel Networks Corporation MH89770 Datasheet HTML 30Page - Mitel Networks Corporation MH89770 Datasheet HTML 31Page - Mitel Networks Corporation MH89770 Datasheet HTML 32Page - Mitel Networks Corporation MH89770 Datasheet HTML 33Page - Mitel Networks Corporation MH89770 Datasheet HTML 34Page - Mitel Networks Corporation MH89770 Datasheet HTML 35Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
4-155
Preliminary Information
MH89770
† Timing is over recommended operating temperature and power supply voltage ranges.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 26 - Transmit Timing for DS1 Link
Figure 27 - Receive Timing for DS1 Link
AC Electrical Characteristics† - DS1 Link Timing (Figures 26 and 27)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Transmit Steering Delay
tTSD
50
150
ns
150pF Load
2
E1.5o Clock Period
tPEC
648
ns
3
E1.5o Clock Width High or Low
tWEC
324
ns
4
Receive Data Setup Time
tRDS
50
ns
5
Receive Data Hold Time
tRDH
50
ns
6
Receive Data Pulse Width
tRDW
324
ns
7
Receive Data Fall Time
tRDF
20
ns
8
Receive Data Rise Time
tRDR
20
ns
9
C1.5i Period
tPC1.5
500
648
800
ns
10
C1.5i Pulse Width High or Low
tWC1.5
250
324
ns
Transmitted DS1 Link
Bit Cells
Bit Cell
C1.5i
OUTA
or
VIH
VIL
VOH
VOL
tTSD
tTSD
OUTB
tPC1.5
tWC1.5
Received DS1 Link
Bit Cells
Bit Cell
E1.5o
VOH
VOL
RxA
or
VOH
VOL
RxB
tPEC
tWEC
tWEC
tRDS
tRDH
tRDF
tRDW
tRDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com