Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 25 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 25 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 21Page - Mitel Networks Corporation MH89770 Datasheet HTML 22Page - Mitel Networks Corporation MH89770 Datasheet HTML 23Page - Mitel Networks Corporation MH89770 Datasheet HTML 24Page - Mitel Networks Corporation MH89770 Datasheet HTML 25Page - Mitel Networks Corporation MH89770 Datasheet HTML 26Page - Mitel Networks Corporation MH89770 Datasheet HTML 27Page - Mitel Networks Corporation MH89770 Datasheet HTML 28Page - Mitel Networks Corporation MH89770 Datasheet HTML 29Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
4-149
Preliminary Information
MH89770
Figure 17 is divided into three functional blocks
which are the protocol converter, switch matrix, and
T1 interface. The protocol section is dependent on
the particular format that is chosen. In this example it
is assumed that the protocol is HDLC. The Transmit
Clock Enable (TxCEN) and the Receive Clock
Enable (RxCEN) of the MT8952 are active for a
period of 24 consecutive ST-BUS channels, and the
clock speed is 2.048 MHz. This enables the protocol
conversion section to interface directly to the switch
matrix. The switch matrix switches the first 24
channels received from the protocol section into the
24 valid timeslots used by the MH89770. Once the
data enters the T1 interface the MH89770 formats
and transmits the data on the T1 line.
Control and monitoring of the T1 interface is done
through the MT8980 switch matrix. CSTi0 and
CSTo1 are connected to the ST-BUS streams that
are configured for message mode so the controlling
microprocessor can access the Master Control
Words and the Master Status Words.
The received portion of the T1 interface extracts the
data from the T1 stream and formats it into ST-BUS
channels. The MT8980 switches these ST-BUS
channels into the first 24 consecutive channels of an
ST-BUS stream, which is passed to the protocol
conversion block. HDLC packets are disassembled
from the incoming ST-BUS stream by the MT8952.
Clock generation and synchronization are handled
by the MT8941. DPLL #2 generates ST-BUS clocks
that are phase-locked to the extracted 8KHz, and
DPLL #1 generates the transmit T1 clock that is
phase-locked to the ST-BUS frame pulse. Therefore,
the interface is operating in a loop timed mode and
there will be no loss of information due to slips. The
MT8941 can also be configured to operate in a
master timing mode.
8. T1 to CEPT Digital Trunk Converter
The two main digital trunk transmission formats in
use today are T1 and CEPT. Mitel's T1 and CEPT
interfaces convert the digital trunk format into
ST-BUS format. The common element between the
two systems is the ST-BUS.
Therefore, a T1 to
CEPT digital trunk converter can be realized.
Figure 18 shows five blocks which are the T1
interface,
switch
matrix,
CEPT
interface,
clock
generation and synchronization, and DSP Element.
The T1 interface converts the 1.544 MHz serial
stream into the ST-BUS format which interfaces to
the switch matrix through DSTi and DSTo. The CEPT
interface converts the 2.048 MHz serial stream into
the ST-BUS format and interfaces to the switch
matrix through the DSP element.
Figure 18 - T1 to CEPT Digital Trunk Converter
CEPT Interface
MH89790B
DSP
Element
Switch Matrix
T1 Interface
MT8980
MH89770
MT8941
Clock Generator
µP
E8Ki
DPLL #1
DPLL #2
C1.5o
F0o
C2o
C4o
RxA
RxB
F0i
OUTA
OUTB
DSTi
DSTo
CSTi0
CSTi1
CSTo
C2i
E8Ko
STi0
STo0
STo3
STo4
STi4
C4i
F0i
STo1
STi1
STi2
STo2
STo3
DSTi
DSTo
CSTo
CSTi0
CSTi1
F0i
C2i
C1.5i
E8Ko
RxT
RxR
OUTA
OUTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com